| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FT2232D Datasheet(PDF) 39 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT2232D Datasheet(HTML) 39 Page - Future Technology Devices International Ltd. |
|
39 / 56 page ![]() DS2232D Version 0.91 © Future Technology Devices International Ltd. 2006 Page 39 of 51 FT2232D Dual USB UART / FIFO I.C. Synchronous Bit-Bang Mode With Synchronous Bit-Bang mode data will only be sent out by the FT2232D if there is space in the device for data to be read from the pins. This Synchronous Bit-Bang mode will read the data bus pins first, before it sends out the byte that has just been transmitted. It is therefore 1 byte behind the output, and so to read the inputs for the byte that you have just sent, another byte must be sent. For example :- (1) Pins start at 0xFF Send 0x55,0xAA Pins go to 0x55 and then to 0xAA Data read = 0xFF,0x55 (2) Pins start at 0xFF Send 0x55,0xAA,0xAA (repeat the last byte sent) Pins go to 0x55 and then to 0xAA Data read = 0xFF,0x55,0xAA |