| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STW5094A Datasheet(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW5094A Datasheet(HTML) 31 Page - STMicroelectronics |
|
31 / 51 page ![]() 31/51 STw5094A Figure 13. Audio interface (AU I/F) formats in SPI mode Figure 14. Control interface (I2C I/F) formats LRCK SCK SDI 1 2 15 16 1 Left or Right channel Right or Left channel MSB LSB SCK polarity normal, Data word 16 bit SCK polarity inverted, Data word 18 bit 2 32 SCK NOTE: In SPI-mode the first high to low transition on LRCK after power-up defines the Left channel of the first couple of audio data MSB XX X For the other possible formats see Control Register CR16 description LRCK SCK SDI 1 2 17 18 MSB LSB XX X 1 2 MSB X and of all the subsequent couples of Left/Right audio data. Left or Right channel Right or Left channel WRITE SINGLE BYTE START DEVICE ADDRESS REG n ADDRESS REG n DATA IN ACK ACK ACK STOP WRITE MULTI BYTE START DEVICE ADDRESS REG n ADDRESS REG n DATA IN ACK ACK ACK STOP REG n+m DATA IN ACK m+1 data bytes CURRENT ADDR START DEVICE ADDRESS Current REG DATA OUT ACK NO ACK STOP READ SINGLE BYTE CURRENT ADDR START DEVICE ADDRESS Current REG DATA OUT ACK NO ACK STOP READ MULTI BYTE Curr REG+m DATA OUT ACK ACK ACK m+1 data bytes START DEVICE ADDRESS REG n ADDRESS ACK ACK START DEVICE ADDRESS REG n DATA OUT ACK NO ACK STOP RANDOM ADDR READ SINGLE BYTE RANDOM ADDR READ MULTI BYTE START DEVICE ADDRESS REG n ADDRESS ACK ACK START DEVICE ADDRESS NO ACK STOP REG n+m DATA OUT ACK ACK m+1 data bytes REG n DATA OUT ACK 11100011 11100011 11100010 11100010 11100010 11100010 11100011 11100011 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |