Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BCS006H Datasheet(PDF) 1 Page - Balluff Korea Ltd.

No. de pieza BCS006H
Descripción Electrónicos  Capacitive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BALLUFF [Balluff Korea Ltd.]
Página de inicio  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCS006H Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCS006H Datasheet HTML 1Page - Balluff Korea Ltd. BCS006H Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Capacitive Sensors
BCS S01T401-PSCFNG-KM16-T02
Order Code: BCS006H
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-02
Subject to change without notice: 367308
ETIM 6.0: EC002715
BCS006H_0.108_2024-05-31
1 / 2
1) Sensing surface, 2) Housing, 3) Cover
Basic features
Approval/Conformity
CE
UKCA
WEEE
Basic standard
IEC 60947-5-2
Scope of delivery
Nut
Screwdriver
Short guide
Sensitivity
media-dependent, adjustable
Series
S01
Display/Operation
Function indicator
yes
Power indicator
no
Electrical connection
Polarity reversal protected
yes
Protection against device mix-ups
yes
Short-circuit protection
yes
Electrical data
Load capacitance max. at Ue
10 µF
No-load current Io max. at Ue
15 mA
Operating voltage Ub
10...35 VDC
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
300 ms
Residual current Ir max.
200 µA
Ripple max. (% of Ue)
10 %
Switching frequency
5 Hz
Utilization category
DC -13
Voltage drop static max.
2.7 V
Environmental conditions
Ambient temperature
-30...125 °C
Contamination scale
2
IP rating
IP67, sensing surface: IP68 10 bar
Functional safety
MTTF (40 °C)
873 a
Interface
Switching output
PNP normally open (NO)


Número de pieza similar - BCS006H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Balluff Korea Ltd.
BCS0011 BALLUFF-BCS0011 Datasheet
93Kb / 2P
Capacitive Sensors
2024-09-02
BCS001F BALLUFF-BCS001F Datasheet
92Kb / 2P
Capacitive Sensors
2024-09-02
BCS001L BALLUFF-BCS001L Datasheet
104Kb / 2P
Capacitive Sensors
BCS001M BALLUFF-BCS001M Datasheet
104Kb / 2P
Capacitive Sensors
BCS001N BALLUFF-BCS001N Datasheet
104Kb / 2P
Capacitive Sensors
More results

Descripción similar - BCS006H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Balluff Korea Ltd.
BCS0179 BALLUFF-BCS0179 Datasheet
154Kb / 2P
Capacitive Sensors
BCS017H BALLUFF-BCS017H Datasheet
106Kb / 2P
Capacitive Sensors
BCS004K BALLUFF-BCS004K Datasheet
120Kb / 2P
Capacitive Sensors
BCS004M BALLUFF-BCS004M Datasheet
120Kb / 2P
Capacitive Sensors
BCS004T BALLUFF-BCS004T Datasheet
120Kb / 2P
Capacitive Sensors
BCS012T BALLUFF-BCS012T Datasheet
134Kb / 3P
Capacitive Sensors
BCS012U BALLUFF-BCS012U Datasheet
140Kb / 3P
Capacitive Sensors
BCS00PJ BALLUFF-BCS00PJ Datasheet
119Kb / 2P
Capacitive Sensors
BCS00PZ BALLUFF-BCS00PZ Datasheet
118Kb / 2P
Capacitive Sensors
BCS00TL BALLUFF-BCS00TL Datasheet
121Kb / 2P
Capacitive Sensors
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com