Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BCS00LM Datasheet(PDF) 2 Page - Balluff Korea Ltd.

No. de pieza BCS00LM
Descripción Electrónicos  Capacitive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BALLUFF [Balluff Korea Ltd.]
Página de inicio  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCS00LM Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BCS00LM Datasheet HTML 1Page - Balluff Korea Ltd. BCS00LM Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Capacitive Sensors
BCS M18BBG2-PSC15H-S04K
Order Code: BCS00LM
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-02
Subject to change without notice: 186562
ETIM 6.0: EC002715
BCS00LM_1.8_2024-09-02
2 / 2
Mechanical data
Dimension
Ø 18 x 88.5 mm
Installation
non-flush
Size
M18x1
Thread (A)
M18x1
Tightening torque
2 Nm
Range/Distance
Hysteresis H max. (% of Sr)
15.0 %
Measuring range
2...15 mm
Rated operating distance Sn
15 mm
Repeat accuracy max. (% of Sr)
2.0 %
Temperature drift max. (% of Sr)
20 % [-5…55 °C]
Remarks
The potentiometer does not have a fixed stop, but can be turned endlessly without destroying anything.
If no change in the switching signal is detected, the potentiometer should be turned forwards or backwards until a signal change occurs at the output.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com