Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PM8353 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

No. de pieza PM8353
Descripción Electrónicos  4-Channel 1.0-1.25 Gbps Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PMC [PMC-Sierra, Inc]
Página de inicio  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8353 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM8353 Datasheet HTML 1Page - PMC-Sierra, Inc PM8353 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
© Copyright PMC-Sierra,
Inc. 2001. All rights reserved.
SATURN and S/UNI are
registered trademarks of
PMC-Sierra, Inc. POS-PHY
Level 3 is a trademark of
PMC-Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
4-Channel 1.0-1.25 Gbps Transceiver
PM8353 QuadPHY™
The QuadPHY creates a highly integrated and cost effective physical layer solution for Gigabit Ethernet or Fibre Channel external
interfaces.
16 GBPS SWITCH APPLICATION
EYE DIAGRAM
Produced by the QuadPHY when driving a 50 Ohm cable, terminated at both near and far ends.
JITTER
Jitter histogram of the QuadPHY showing 6.8 picoseconds, 1
σ jitter with all channels operating.
Switch clock domain
Line card clock domain
RX data clock domains
Uplink clock domain
Serial Point-to-point
Backplane: 4Gbps
Per line card
Gigabit Ethernet
or Fibre Channel
Interfaces
4 Gbps
(trunked)
uplink
Switch Card
Line Card
PM8353
PM8353
PM8353
PM8353
PM8353
PM8353
PM8353
PM8353
MAC/Packet processor
MAC/Packet processor
MAC/Packet processor
MAC/Packet processor
PM8353
PM8353
10 0. 0 p s / d iv



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com