| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
C8051F53X Datasheet(PDF) 39 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
C8051F53X Datasheet(HTML) 39 Page - Silicon Laboratories |
|
39 / 220 page ![]() Rev. 0.3 39 C8051F52x-53x Table 4.6. QFN-10 Package Diagram Dimensions Dimension Min Nom Max Notes: 1. All dimensions shown are in millimeters (mm) unless otherwise noted. 2. Dimensioning and Tolerancing per ANSI Y14.5M-1994. 3. This drawing conforms to JEDEC outline MO-243, variation VEED except for custom features D2, E2, and L which are toleranced per supplier designation. 4. Recommended card reflow profile is per the JEDEC/IPC J-STD-020C specification for Small Body Components. Figure 4.3. QFN-10 Package Diagram A 0.80 0.90 1.00 A1 0.03 0.07 0.11 A3 0.25 REF b 0.18 0.25 0.30 D 3.00 BSC. D2 1.496 1.646 1.796 e 0.50 BSC. E 3.00 BSC. E2 2.234 2.384 2.534 L 0.30 0.40 0.50 aaa — — 0.15 bbb — — 0.15 ddd — — 0.05 eee — — 0.08 |