Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ZR2 Datasheet(PDF) 2 Page - AIC tech Inc.

No. de pieza ZR2
Descripción Electrónicos  Useful of 5,000 hours at 105°C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AICTECH [AIC tech Inc.]
Página de inicio  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

ZR2 Datasheet(HTML) 2 Page - AIC tech Inc.

  ZR2 Datasheet HTML 1Page - AIC tech Inc. ZR2 Datasheet HTML 2Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SNAP MOUNT TYPE ALUMINUM ELECTROLYTIC CAPACITORS
ZR2 Series
Standard Products Table
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
105
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
400
220
30
×30
0.20
2.14
405
ZR22G221MCZS3WPEC
270
30
×35
0.20
2.46
330
ZR22G271MCZS4WPEC
330
30
×40
0.20
2.81
270
ZR22G331MCZS5WPEC
35
×31
0.20
2.79
270
ZR22G331MCAS3WPEC
390
30
×45
0.20
3.14
225
ZR22G391MCZS6WPEC
35
×36
0.20
3.16
225
ZR22G391MCAS4WPEC
470
30
×50
0.20
3.52
195
ZR22G471MCZS7WPEC
35
×41
0.20
3.57
195
ZR22G471MCAS5WPEC
40
×30
0.20
3.36
195
ZR22G471MSBS3WPEC
560
30
×55
0.20
3.91
165
ZR22G561MCZS8WPEC
35
×46
0.20
3.99
165
ZR22G561MCAS6WPEC
40
×40
0.20
3.89
165
ZR22G561MSBS5WPEC
680
30
×75
0.20
4.49
135
ZR22G681MCZS12WPEC
35
×51
0.20
4.49
135
ZR22G681MCAS7WPEC
40
×45
0.20
4.38
135
ZR22G681MSBS6WPEC
820
30
×80
0.20
4.94
110
ZR22G821MCZS13WPEC
35
×61
0.20
5.07
110
ZR22G821MCAS9WPEC
40
×50
0.20
4.89
110
ZR22G821MSBS7WPEC
1,000
30
×100
0.20
5.44
90
ZR22G102MCZS17WPEC
35
×75
0.20
5.69
90
ZR22G102MCAS12WPEC
40
×61
0.20
5.56
90
ZR22G102MSBS9WPEC
1,200
35
×81
0.20
6.30
75
ZR22G122MCAS13WPEC
1,500
35
×100
0.20
6.96
60
ZR22G152MCAS17WPEC
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
105
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
450
180
30
×30
0.20
1.87
525
ZR22W181MCZS3WPEC
220
30
×35
0.20
2.15
435
ZR22W221MCZS4WPEC
270
30
×40
0.20
2.42
345
ZR22W271MCZS5WPEC
35
×31
0.20
2.38
345
ZR22W271MCAS3WPEC
330
30
×45
0.20
2.72
285
ZR22W331MCZS6WPEC
35
×36
0.20
2.74
285
ZR22W331MCAS4WPEC
40
×30
0.20
2.65
285
ZR22W331MSBS3WPEC
390
30
×50
0.20
3.02
255
ZR22W391MCZS7WPEC
35
×41
0.20
3.07
255
ZR22W391MCAS5WPEC
470
30
×60
0.20
3.42
210
ZR22W471MCZS9WPEC
35
×46
0.20
3.45
210
ZR22W471MCAS6WPEC
40
×40
0.20
3.36
210
ZR22W471MSBS5WPEC
560
30
×75
0.20
3.84
180
ZR22W561MCZS12WPEC
35
×51
0.20
3.84
180
ZR22W561MCAS7WPEC
40
×45
0.20
3.74
180
ZR22W561MSBS6WPEC
680
30
×80
0.20
4.25
150
ZR22W681MCZS13WPEC
35
×61
0.20
4.36
150
ZR22W681MCAS9WPEC
820
30
×100
0.20
4.64
125
ZR22W821MCZS17WPEC
35
×75
0.20
4.87
125
ZR22W821MCAS12WPEC
40
×61
0.20
4.75
125
ZR22W821MSBS9WPEC
1,000
35
×100
0.20
5.36
100
ZR22W102MCAS17WPEC
Life time graph
  Useful life depending on ambient temperature Ta and ripple current operating conditionⅠversus rated ripple current at 105℃,120Hz
1,000
10,000
100,000
1,000,000
Ta=85
℃
Ta=70
℃
Ta=60
℃
Ta=105
℃
Ta=85
℃
Ta=70
℃
Ta=60
℃
Ta=105
℃
Ripple Current of Diminishing Ratio
(Ⅰ/Ⅰr, 105℃)
Ripple Current of Diminishing Ratio
(Ⅰ/Ⅰr, 105℃)
0
0.5
1
2
1.5
1,000
10,000
100,000
1,000,000
0.5
1
02
1.5
Series
ZR2 450V
Series
ZR2 400V



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com