| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM324B Datasheet(PDF) 36 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM324B Datasheet(HTML) 36 Page - Texas Instruments |
|
36 / 64 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 28-Aug-2024 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM124FKB ACTIVE LCCC FK 20 55 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 77043012A LM124FKB Samples LM124J ACTIVE CDIP J 14 25 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 LM124J Samples LM124JB ACTIVE CDIP J 14 25 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 7704301CA LM124JB Samples LM124W ACTIVE CFP W 14 25 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 LM124W Samples LM124WB ACTIVE CFP W 14 25 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 7704301DA LM124WB Samples LM224AD OBSOLETE SOIC D 14 TBD Call TI Call TI -25 to 85 LM224A LM224ADR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -25 to 85 LM224A Samples LM224ADRE4 ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM224A Samples LM224ADRG4 ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM224A Samples LM224AN ACTIVE PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type -25 to 85 LM224AN Samples LM224D OBSOLETE SOIC D 14 TBD Call TI Call TI -25 to 85 LM224 LM224DR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -25 to 85 LM224 Samples LM224DRG3 OBSOLETE SOIC D 14 TBD Call TI Call TI -25 to 85 LM224 LM224DRG4 ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM224 Samples LM224KAD OBSOLETE SOIC D 14 TBD Call TI Call TI -25 to 85 LM224KA LM224KADR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM224KA Samples LM224KADRG4 ACTIVE SOIC D 14 2500 TBD Call TI Call TI -25 to 85 Samples LM224KAN ACTIVE PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type -25 to 85 LM224KAN Samples LM224KDR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM224K Samples LM224KN ACTIVE PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type -25 to 85 LM224KN Samples LM224N ACTIVE PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type -25 to 85 LM224N Samples Addendum-Page 2 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |