| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BAW56 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
|
|||||||||||||||||||||||||||||
BAW56 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
|
2 / 2 page ![]() T= 25 C A O T = 25 C A O T= 55 C A O T = 55 C A O T= 65 C A O T = 65 C A O T= 125 C A O T = 125 C A O T= 150 C A O T = 150 C A O 10 1.0 0.1 0.01 0.001 V , REVERSE VOLTAGE (V) R 10 20 30 40 50 0 FIG.2- TYPICAL LEAKAGE CURRENT T= -40 C A O T = -40 C A O T= 25 C A O T = 25 C A O T= 65 C A O T = 65 C A O 100 10 1.0 0.1 0.2 0.4 0.6 0.8 1.0 1.2 V , FORWARD VOLTAGE (V) F FIG.1- TYPICAL FORWARD VOLTAGE RATINGS AND CHARACTERISTIC CURVES (BAW66/BAV70/BAV99) Version: A07 1.0 0.9 0.8 0.7 0.6 02468 V , REVERSE VOLTAGE (V) R FIG.3- TYPICAL CAPACITANCE |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |