Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

WAFERBUMPING Datasheet(PDF) 2 Page - Amkor Technology

No. de pieza WAFERBUMPING
Descripción Electrónicos  Wafer Bumping Processes and Die Level Interconnect Technology Services
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMKOR [Amkor Technology]
Página de inicio  http://www.amkor.com
Logo AMKOR - Amkor Technology

WAFERBUMPING Datasheet(HTML) 2 Page - Amkor Technology

  WAFERBUMPING Datasheet HTML 1Page - Amkor Technology WAFERBUMPING Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Visit amkor.com or email sales@amkor.com for more information.
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such
information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or damage of
whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not
in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard terms and conditions of sale. Amkor
reserves the right to make changes in its product and specifications at any time and without notice. The Amkor name and logo are
registered trademarks of Amkor Technology, Inc. All other trademarks mentioned are property of their respective companies.
© 2022 Amkor Technology, Incorporated. All Rights Reserved. SS15O-EN Rev Date: 01/22
Bumping Process Specifics
Amkor’s bumping process is production certified in the
full package size range, from WLCSP up through large
die Flip Chip BGA (FCBGA).
All factories are ISO/TS16949 certified.
Wafer Bumping
Wafer Size
200 mm, 300 mm
Solder
Compositions
98.2 Sn/1.8 Ag
(All Available As Low Alpha:
<0.002 cts/hr/cm2),
SnAgCu, Doped Alloys
Pad Pitch
Lower Limit
50~500+ μm
Repassivation
Coatings
Polyimide, PBO, Low Cure Polymers
Redistribution
Materials
Plated Copper
Related Processes/Services
Wafer bumping and WLCSP use many of the same basic
process steps in production. Key WLCSP developments
have resulted in improved wafer level technology
known as CSPnl.
CSPnl combines plated copper technology and advanced
photopolymers to produce the industry’s most robust
wafer level solutions. CSPnl is available down to 0.3 mm
pitch and supports a range of solder volumes to meet
customer requirements.
Closely related to both bumping and WLP production
is “die processing” capability, which consists of process
steps that transform either bumped or WLCSP product
from wafer form into die form.
Die processing typically involves backgrind, backside
coat, test, singulation, inspection, tape and reel, and
pick-and-place. Amkor offers these full turnkey services
to support our customers in China (C3), Korea (K5),
Portugal (E1) and Taiwan (T3/T6) factories.



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com