Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

021.024 Datasheet(PDF) 3 Page - France Joint

No. de pieza 021.024
Descripción Electrónicos  ROD SEALS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FRANCEJOINT [France Joint]
Página de inicio  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

021.024 Datasheet(HTML) 3 Page - France Joint

  021.024 Datasheet HTML 1Page - France Joint 021.024 Datasheet HTML 2Page - France Joint 021.024 Datasheet HTML 3Page - France Joint 021.024 Datasheet HTML 4Page - France Joint 021.024 Datasheet HTML 5Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
|
DIMENSIONS
Part number
Range
Rod diameter
Groove diameter
Groove width
AS4716 / MIL-G-5514
AS4716
MIL-G-5514
0 BUR
1 BUR
Ød1
ØD1
ØD1
L1 min
L2 min
021.010
010
6.30
9.12
9.14
2.39
3.81
021.011
011
7.87
10.69
10.72
2.39
3.81
021.012
012
9.47
12.29
12.32
2.39
3.81
021.013
013
11.05
13.84
13.89
2.39
3.81
021.014
014
12.65
15.44
15.49
2.39
3.81
021.015
015
14.22
17.02
17.07
2.39
3.81
021.016
016
15.82
18.62
18.67
2.39
3.81
021.017
017
17.40
20.19
20.24
2.39
3.81
021.018
018
19.00
21.79
21.84
2.39
3.81
021.019
019
20.57
23.37
23.42
2.39
3.81
021.020
020
22.17
24.97
25.02
2.39
3.81
021.021
021
23.75
26.54
26.59
2.39
3.81
021.022
022
25.35
28.14
28.19
2.39
3.81
021.023
023
26.92
29.72
29.77
2.39
3.81
021.024
024
28.52
31.32
31.37
2.39
3.81
021.025
025
30.10
32.89
32.94
2.39
3.81
021.026
026
31.70
34.49
34.54
2.39
3.81
021.027
027
33.27
36.07
36.12
2.39
3.81
021.028
028
34.87
37.67
37.72
2.39
3.81
021.110
110
9.47
13.87
14.00
3.58
4.65
021.111
111
11.05
15.47
15.57
3.58
4.65
021.112
112
12.65
17.07
17.17
3.58
4.65
021.113
113
14.22
18.64
18.75
3.58
4.65
021.114
114
15.82
20.24
20.35
3.58
4.65
021.115
115
17.40
21.82
21.92
3.58
4.65
021.116
116
19.00
23.44
23.52
3.58
4.65
021.117
117
20.57
25.02
25.10
3.58
4.65
021.118
118
22.17
26.62
26.70
3.58
4.65
021.119
119
23.75
28.19
28.27
3.58
4.65
021.120
120
25.35
29.79
29.87
3.58
4.65
021.121
121
26.92
31.37
31.45
3.58
4.65
021.122
122
28.52
32.97
33.05
3.58
4.65
021.123
123
30.10
34.54
34.62
3.58
4.65
021.124
124
31.70
36.14
36.22
3.58
4.65
021.125
125
33.27
37.72
37.80
3.58
4.65
021.126
126
34.87
39.32
39.40
3.58
4.65
021.127
127
36.45
40.89
40.97
3.58
4.65
021.128
128
38.05
42.49
42.57
3.58
4.65
021.129
129
39.62
44.07
44.15
3.58
4.65
021.130
130
41.22
45.67
45.75
3.58
4.65
021.131
131
42.80
47.24
47.32
3.58
4.65
021.132
132
44.40
48.84
48.92
3.58
4.65
021.133
133
45.97
50.39
50.50
3.58
4.65
021.134
134
47.57
51.99
52.10
3.58
4.65
021.135
135
49.17
53.59
53.70
3.58
4.65
021.136
136
50.75
55.17
55.27
3.58
4.65
021.137
137
52.35
56.77
56.87
3.58
4.65
021.138
138
53.92
58.34
58.45
3.58
4.65
021.139
139
55.52
59.94
60.05
3.58
4.65
021.140
140
57.10
61.52
61.62
3.58
4.65
021.141
141
58.70
63.12
63.22
3.58
4.65
021.142
142
60.27
64.69
64.80
3.58
4.65
021.143
143
61.87
66.29
66.40
3.58
4.65
021.144
144
63.45
67.87
67.97
3.58
4.65
021.145
145
65.05
69.47
69.57
3.58
4.65
021.146
146
66.62
71.04
71.15
3.58
4.65
021.147
147
68.22
72.64
72.75
3.58
4.65
021.148
148
69.80
74.22
74.32
3.58
4.65
021.149
149
71.40
75.82
75.92
3.58
4.65
021.210
210
19.00
25.12
25.17
4.78
5.97
021.211
211
20.57
26.70
26.75
4.78
5.97
www.francejoint.com
AEROSPACE SEALS | ROD SEALS |
BECA 021



Html Pages

1 2 3 4 5