Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PLONSLN Datasheet(PDF) 2 Page - Rakon Limited

No. de pieza PLONSLN
Descripción Electrónicos  PHASE LOCKED OSCILLATOR (PLO) | NEWSPACE LOW PHASE NOISE SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAKON [Rakon Limited]
Página de inicio  https://www.rakon.com/
Logo RAKON - Rakon Limited

PLONSLN Datasheet(HTML) 2 Page - Rakon Limited

  PLONSLN Datasheet HTML 1Page - Rakon Limited PLONSLN Datasheet HTML 2Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHASE LOCKED OSCILLATOR (PLO) | NEWSPACE LOW PHASE NOISE SERIES
Issue: A0, xxx.110, 12 November 2021
Specifications subject to change without notice
Copyright © 2021 Rakon Limited. All rights reserved
Page 2 of 2
sales@rakon.com
Spurious level
100 Hz to 5 GHz
-70
dBc
Phase Noise @ 100 MHz
Parameter
Condition / Remarks
Min.
Typ.
Max.
Unit
Phase noise @100 MHz
1 Hz offset
-90
dBc/Hz
10 Hz offset
-110
dBc/Hz
100 Hz offset
-120
dBc/Hz
1 kHz offset
-140
dBc/Hz
10 kHz offset
-150
dBc/Hz
100 kHz offset
-155
dBc/Hz
1 MHz offset
-155
dBc/Hz
Model Outline and Connectors
Parameter
Package
RF-OUT (RF OUT)
Details
Package type
Pin through-hole
Size: 50 x 50 x 16 mm
External reference (Ref I)
SMA
Supply Voltage (Vin)
SMA
Phase Voltage (Vp)
EMI feed-thru
Lock Detect (LD)
EMI feed-thru



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com