| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
021.430 Datasheet(PDF) 3 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
021.430 Datasheet(HTML) 3 Page - France Joint |
|
3 / 5 page ![]() | DIMENSIONS Part number Range Rod diameter Groove diameter Groove width AS4716 / MIL-G-5514 AS4716 MIL-G-5514 0 BUR 1 BUR Ød1 ØD1 ØD1 L1 min L2 min 021.010 010 6.30 9.12 9.14 2.39 3.81 021.011 011 7.87 10.69 10.72 2.39 3.81 021.012 012 9.47 12.29 12.32 2.39 3.81 021.013 013 11.05 13.84 13.89 2.39 3.81 021.014 014 12.65 15.44 15.49 2.39 3.81 021.015 015 14.22 17.02 17.07 2.39 3.81 021.016 016 15.82 18.62 18.67 2.39 3.81 021.017 017 17.40 20.19 20.24 2.39 3.81 021.018 018 19.00 21.79 21.84 2.39 3.81 021.019 019 20.57 23.37 23.42 2.39 3.81 021.020 020 22.17 24.97 25.02 2.39 3.81 021.021 021 23.75 26.54 26.59 2.39 3.81 021.022 022 25.35 28.14 28.19 2.39 3.81 021.023 023 26.92 29.72 29.77 2.39 3.81 021.024 024 28.52 31.32 31.37 2.39 3.81 021.025 025 30.10 32.89 32.94 2.39 3.81 021.026 026 31.70 34.49 34.54 2.39 3.81 021.027 027 33.27 36.07 36.12 2.39 3.81 021.028 028 34.87 37.67 37.72 2.39 3.81 021.110 110 9.47 13.87 14.00 3.58 4.65 021.111 111 11.05 15.47 15.57 3.58 4.65 021.112 112 12.65 17.07 17.17 3.58 4.65 021.113 113 14.22 18.64 18.75 3.58 4.65 021.114 114 15.82 20.24 20.35 3.58 4.65 021.115 115 17.40 21.82 21.92 3.58 4.65 021.116 116 19.00 23.44 23.52 3.58 4.65 021.117 117 20.57 25.02 25.10 3.58 4.65 021.118 118 22.17 26.62 26.70 3.58 4.65 021.119 119 23.75 28.19 28.27 3.58 4.65 021.120 120 25.35 29.79 29.87 3.58 4.65 021.121 121 26.92 31.37 31.45 3.58 4.65 021.122 122 28.52 32.97 33.05 3.58 4.65 021.123 123 30.10 34.54 34.62 3.58 4.65 021.124 124 31.70 36.14 36.22 3.58 4.65 021.125 125 33.27 37.72 37.80 3.58 4.65 021.126 126 34.87 39.32 39.40 3.58 4.65 021.127 127 36.45 40.89 40.97 3.58 4.65 021.128 128 38.05 42.49 42.57 3.58 4.65 021.129 129 39.62 44.07 44.15 3.58 4.65 021.130 130 41.22 45.67 45.75 3.58 4.65 021.131 131 42.80 47.24 47.32 3.58 4.65 021.132 132 44.40 48.84 48.92 3.58 4.65 021.133 133 45.97 50.39 50.50 3.58 4.65 021.134 134 47.57 51.99 52.10 3.58 4.65 021.135 135 49.17 53.59 53.70 3.58 4.65 021.136 136 50.75 55.17 55.27 3.58 4.65 021.137 137 52.35 56.77 56.87 3.58 4.65 021.138 138 53.92 58.34 58.45 3.58 4.65 021.139 139 55.52 59.94 60.05 3.58 4.65 021.140 140 57.10 61.52 61.62 3.58 4.65 021.141 141 58.70 63.12 63.22 3.58 4.65 021.142 142 60.27 64.69 64.80 3.58 4.65 021.143 143 61.87 66.29 66.40 3.58 4.65 021.144 144 63.45 67.87 67.97 3.58 4.65 021.145 145 65.05 69.47 69.57 3.58 4.65 021.146 146 66.62 71.04 71.15 3.58 4.65 021.147 147 68.22 72.64 72.75 3.58 4.65 021.148 148 69.80 74.22 74.32 3.58 4.65 021.149 149 71.40 75.82 75.92 3.58 4.65 021.210 210 19.00 25.12 25.17 4.78 5.97 021.211 211 20.57 26.70 26.75 4.78 5.97 www.francejoint.com AEROSPACE SEALS | ROD SEALS | BECA 021 |