| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DCS-7304XFM-R Datasheet(PDF) 27 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
DCS-7304XFM-R Datasheet(HTML) 27 Page - Arista Networks, Inc |
|
27 / 66 page ![]() Chapter 4 Powering the Modular Switch Important: Installation of this equipment must comply with local and national electrical codes. If necessary, consult with the appropriate regulatory agencies and inspection authorities to ensure compliance. Installation de cet équipement doit être conformes aux codes électriques locaux et nationaux. Si nécessaire, consulter les organismes de réglementation appropriés et des autorités de contrôle pour assurer la conformité. The switch operates with multiple power supplies. Refer to Specifications for information regarding your specific system. Table 8: Power Supply Capacity and Requirements for 7300 Series Modular Switches lists the quantity of modules each chassis can contain and the minimum operating requirements for each model. Table 8: Power Supply Capacity and Requirements for 7300 Series Modular Switches Switch Model Chassis Capacity Minimum Operating Requirements DCS-7304 / DCS-7324 / DCS-7304X3 Front Panel: 4 modules 1 active circuit DCS-7308 / DCS-7328 / DCS-7308X3 Front Panel: 6 modules 2 active circuits DCS-7316 Front Panel: 6 modules Rear Panel: 2 modules 3 active circuits Front Panels displays the location of the power supplies on the front panel of the switch. Rear Panels displays the location of power supplies on the rear panel of DCS-7316 switches. This chapter includes sections that describe procedure for grounding and cabling AC and DC power supplies. After completing the instructions for your switch, proceed to Connecting Supervisor Cables. Important: Read all installation instructions before connecting the system to the power source. Lire toutes les instructions d'installation avant de brancher le système à la source d'alimentation. • Non-Redundant Configuration: Provide power to the minimum required power inputs. • Redundant Power Supply Configuration: Connecting power to modules in excess of minimum requirements protects the switch against failed modules and can provide grid-level redundancy. • Power down the Switch: Remove all power cords from the power input sockets. Important: This equipment must be grounded. Never defeat the ground conductor. This unit requires over-current protection. Cet équipement doit être mis à la terre. Ne jamais modifier le conducteur de terre. Cet appareil nécessite de protection contre les surintensités. 23 |