| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DCS-7308XFM-R Datasheet(PDF) 42 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
DCS-7308XFM-R Datasheet(HTML) 42 Page - Arista Networks, Inc |
|
42 / 66 page ![]() Off Line card not inserted. Green Line card operating normally. Yellow Line card administratively shut down. Red Module has failed. The Line card provides LEDs for each port module socket: • Figure 27: Linecard Status LEDs (DCS-7300X-LC) displays SFP module LEDs. Each LED corresponds to a module. • Figure 28: Linecard Status LEDs (DCS-7300X-32Q-LC) displays QSFP module LEDs. A set of four LEDs correspond to each module. When the module is programmed as a 40G port, the first LED in the set reports status. When the module is programmed as four 10G ports, each port is assigned to an LED within the set. Table 12: Line card Port LED States interprets port LED states. Table 12: Line card Port LED States LED State Status Off Port link is down. Green Port link is up. Yellow Port is disabled in software. A.3 Fan and Fabric Status Indicators Fan and fabric modules are accessed from the rear panel. Fabric modules are inserted into the switch and fan modules are inserted into the fabric modules. Each switch contains four fabric modules; the fan module capacity of fabric modules varies by switch model, as displayed in Table 13: Fan Module Capacity . Table 13: Fan Module Capacity Switch Model Fabric Capacity Switch Capacity DCS-7304 2 fan modules 8 fan modules DCS-7308 4 fan modules 16 fan modules DCS-7316 8 fan modules 32 fan modules Rear Panels displays the rear panel of all switches covered by this guide. Figure 29: Fan Status and Fabric Status LEDs displays a DCS-7304-FM fabric module and the fan modules that it contains. Fan and fabric module indicators are displayed in Figure 29: Fan Status and Fabric Status LEDs . The fan handle indicates the fan direction. All fan modules must have the same color handle. 38 |