| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MB95F136MBSPF Datasheet(PDF) 38 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB95F136MBSPF Datasheet(HTML) 38 Page - fujitsu semiconductor |
|
38 / 64 page ![]() MB95130MB Series 38 (2) Source Clock/Machine Clock (VCC = 5.0 V ± 10%, AVSS = VSS = 0.0 V, TA = − 40 °C to + 85 °C) *1 : Clock before setting division due to machine clock division ratio selection bit (SYCC : DIV1 and DIV0) . This source clock is divided by the machine clock division ratio selection bit (SYCC : DIV1 and DIV0) , and it becomes the machine clock. Further, the source clock can be selected as follows. • Main clock divided by 2 • PLL multiplication of main clock (select from 1, 2, 2.5, 4 multiplication) • Sub clock divided by 2 • PLL multiplication of sub clock (select from 2, 3, 4 multiplication) *2 : Operation clock of the microcontroller. Machine clock can be selected as follows. • Source clock (no division) • Source clock divided by 4 • Source clock divided by 8 • Source clock divided by 16 Parameter Symbol Pin name Value Unit Remarks Min Typ Max Source clock cycle time*1 (Clock before setting division) tSCLK ⎯ 61.5 ⎯ 2000 ns When using main clock Min : FCH = 8.125 MHz, PLL multiplied by 2 Max : FCH = 1 MHz, divided by 2 7.6 ⎯ 61.0 µs When using sub clock Min : FCL = 32 kHz, PLL multiplied by 4 Max : FCL = 32 kHz, divided by 2 Source clock frequency FSP ⎯ 0.50 ⎯ 16.25 MHz When using main clock FSPL ⎯ 16.384 ⎯ 131.072 kHz When using sub clock Machine clock cycle time*2 (Minimum instruction execution time) tMCLK ⎯ 61.5 ⎯ 32000 ns When using main clock Min : FSP = 16.25 MHz, no division Max : FSP = 0.5 MHz, divided by 16 7.6 ⎯ 976.5 µs When using sub clock Min : FSPL = 131 kHz, no division Max : FSPL = 16 kHz, divided by 16 Machine clock frequency FMP ⎯ 0.031 ⎯ 16.250 MHz When using main clock FMPL 1.024 ⎯ 131.072 kHz When using sub clock FCH (main oscillation) FCL (sub oscillation) Divided by 2 Main PLL × 1 × 2 × 2.5 × 4 Divided by 2 Sub PLL × 2 × 3 × 4 SCLK (source clock) Clock mode select bit (SYCC: SCS1, SCS0) MCLK (machine clock) Division circuit × 1 × 1/4 × 1/8 × 1/16 • Outline of clock generation block |