Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PTS645TL70 Datasheet(PDF) 3 Page - ITT Industries

No. de pieza PTS645TL70
Descripción Electrónicos  6 mm Tact Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

PTS645TL70 Datasheet(HTML) 3 Page - ITT Industries

  PTS645TL70 Datasheet HTML 1Page - ITT Industries PTS645TL70 Datasheet HTML 2Page - ITT Industries PTS645TL70 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-59
B
ACTUATION FORCE
OPTION
CODE
FORCE
L
130 grams
M
160 grams
H
200 grams
K
260 grams
OPTION
HEIGHT “H” or
SCHEMATIC
CODE
LENGTH “L”
TERMINATION
Without EMC pin
With EMC pin
43
4,3 (.169)
Thru-hole
50
5,0 (.197)
Thru-hole
70
7,0 (.275)
Thru-hole
95
9,5 (.374)
Thru-hole
31
3,15 (.124)
Vertical
39
3,85 (.151)
Vertical
58
5,85 (.230)
Vertical
83
8,35 (.329)
Vertical
15
15,85 (.624)
Vertical
ACTUATOR HEIGHT
13
1
34
2
1
34
2
PTS645 Series
6 mm Tact Switches
43
50
70
95
31
15
39
58
83
ø3,5
(.138)
"H"
ø3,5
(.138)
ø3,3
(.130)
"H"
ø3,5
(.138)
ø3,0
(.118)
"H"
"L"
ø3,3
(.130)
ø3,5
(.138)
"L"
ø3,3
(.130)
ø3,5
(.138)
ø3,0
(.118)
ø3,5
(.138)
"L"
ø3,0
(.118)
ø3,5
(.138)
"L"
ø3,5
(.138)
"H"
"L"
85
ø3,5
(.138)
ø3,3
(.130)
"H"



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com