Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

S3031 Datasheet(PDF) 21 Page - Applied Micro Circuits Corporation

No. de pieza S3031
Descripción Electrónicos  E4/STM-1/OC-3 ATM TRANSCEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMCC [Applied Micro Circuits Corporation]
Página de inicio  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S3031 Datasheet(HTML) 21 Page - Applied Micro Circuits Corporation

Back Button S3031 Datasheet HTML 17Page - Applied Micro Circuits Corporation S3031 Datasheet HTML 18Page - Applied Micro Circuits Corporation S3031 Datasheet HTML 19Page - Applied Micro Circuits Corporation S3031 Datasheet HTML 20Page - Applied Micro Circuits Corporation S3031 Datasheet HTML 21Page - Applied Micro Circuits Corporation S3031 Datasheet HTML 22Page - Applied Micro Circuits Corporation S3031 Datasheet HTML 23Page - Applied Micro Circuits Corporation S3031 Datasheet HTML 24Page - Applied Micro Circuits Corporation S3031 Datasheet HTML 25Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
E4/STM-1/OC-3 ATM TRANSCEIVER
S3031B
21
August 19, 1999 / Revision D
Table 13. Electrical Characteristics for BUFIN, BUFOUT
(At V
CC = +5VDC, RLOAD = 75Ω AC coupled and TA = 25˚C unless otherwise noted.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
i
Mp
y
Tx
a
Ms
t
i
n
Us
n
o
i
t
i
d
n
o
C
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
t
u
p
t
u
O
)
T
U
O
F
U
B
(
:
t
u
p
t
u
O
e
g
a
t
l
o
V
:
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O
6
.
0
±
1
8
.
0
±
38
V
Ω
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
e
f
s
n
a
r
T
)
T
U
O
F
U
B
o
t
N
I
F
U
B
(
n
i
a
G
1
5
8
.
03
9
.
01
.
1V
/
V
R
W
S
V
2
R
W
S
V1
:
3
.
11
:
5
.
15
7
h
t
i
W
Ω
n
o
i
t
a
n
i
m
r
e
t
d
e
l
p
u
o
C
C
A
n
o
i
t
r
o
t
s
i
D
c
i
n
o
m
r
a
H
2
D
H
5
3
0
3
5
2
0
4
5
3
0
3
c
B
d
p
-
p
V
3
.
0
=
t
u
p
n
I
p
-
p
V
6
.
0
=
t
u
p
n
I
p
-
p
V
2
.
1
=
t
u
p
n
I
s
a
i
B
t
u
p
n
I
C
D5
8
.
0
-
c
c
VV
d
e
l
p
u
o
C
C
A
y
ll
a
n
r
e
t
x
e
t
u
p
n
I
s
a
i
B
t
u
p
t
u
O
C
D5
.
2
-
c
c
VV
d
e
l
p
u
o
C
C
A
y
ll
a
n
r
e
t
x
e
t
u
p
t
u
O
1. Up to 300 MHz.
2. Up to 250 MHz.
r
e
t
e
m
a
r
a
Pn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S5
6
-0
5
1C
˚
V
n
o
e
g
a
t
l
o
V
C
C
d
n
u
o
r
G
o
t
t
c
e
p
s
e
r
h
t
i
w5
.
0
-0
.
7
+V
n
i
P
t
u
p
n
I
L
T
T
y
n
a
n
o
e
g
a
t
l
o
V5
.
0
-5
.
5
+V
n
i
P
t
u
p
n
I
L
C
E
P
y
n
a
n
o
e
g
a
t
l
o
V
c
c
V
3
-
c
c
VV
t
n
e
r
r
u
C
k
n
i
S
t
u
p
t
u
O
L
T
T0
2A
m
t
n
e
r
r
u
C
e
c
r
u
o
S
t
u
p
t
u
O
L
T
T0
1A
m
t
n
e
r
r
u
C
e
c
r
u
o
S
t
u
p
t
u
O
L
C
E
P
d
e
e
p
S
h
g
i
H0
5A
m
e
g
a
t
l
o
V
e
g
r
a
h
c
s
i
D
c
i
t
a
t
S
1
0
0
5V
Table 14. Absolute Maximum Ratings
r
e
t
e
m
a
r
a
Pn
i
Mp
y
Tx
a
Ms
t
i
n
U
s
a
i
B
r
e
d
n
U
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A0
2
-5
8C
˚
s
a
i
B
r
e
d
n
U
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J0
1
-0
3
1
+C
˚
V
y
n
a
n
o
e
g
a
t
l
o
V
C
C
d
n
u
o
r
G
o
t
t
c
e
p
s
e
r
h
t
i
w5
7
.
40
.
55
2
.
5V
n
i
P
t
u
p
n
I
L
T
T
y
n
a
n
o
e
g
a
t
l
o
V0
V
C
C
V
n
i
P
t
u
p
n
I
L
C
E
P
y
n
a
n
o
e
g
a
t
l
o
V
V
C
C
2
-
V
C
C
V
C
C
I
B
1
3
0
3
S6
3
35
6
3A
m
Table 15. Recommended Operating Conditions
1. Human body model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com