Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TPV710 Datasheet(PDF) 5 Page - 3PEAK INC.

No. de pieza TPV710
Descripción Electrónicos  Watchdog Timer Circuit with EN Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  3PEAK [3PEAK INC.]
Página de inicio  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPV710 Datasheet(HTML) 5 Page - 3PEAK INC.

  TPV710 Datasheet HTML 1Page - 3PEAK INC. TPV710 Datasheet HTML 2Page - 3PEAK INC. TPV710 Datasheet HTML 3Page - 3PEAK INC. TPV710 Datasheet HTML 4Page - 3PEAK INC. TPV710 Datasheet HTML 5Page - 3PEAK INC. TPV710 Datasheet HTML 6Page - 3PEAK INC. TPV710 Datasheet HTML 7Page - 3PEAK INC. TPV710 Datasheet HTML 8Page - 3PEAK INC. TPV710 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Specifications
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Input Voltage
VCC, WDI, WDO, ENto GND
−0.3
6
V
Output Current
WDO
20
mA
TJ
Maximum Junction Temperature
−40
150
°C
TSTG
Storage Temperature Range
−65
150
°C
TL
Lead Temperature (Soldering 10 sec)
260
°C
(1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure
to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime.
(2) This data was taken with the JEDEC low effective thermal conductivity test board.
(3) This data was taken with the JEDEC standard multilayer test boards.
ESD, Electrostatic Discharge Protection
Parameter
Condition
Minimum Level
Unit
HBM
Human Body Model ESD
ANSI/ESDA/JEDEC JS-001 (1)
±2000
V
CDM
Charged Device Model ESD
ANSI/ESDA/JEDEC JS-002 (2)
±1000
V
(1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Thermal Information
Package Type
θJA
θJC
Unit
SOT23-5
128
67
°C/W
TPV710
Watchdog Timer Circuit with EN Control
www.3peak.com
5 / 14
GA20230701A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14