Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PIC18F6627IPTSQTP Datasheet(PDF) 21 Page - Microchip Technology

No. de pieza PIC18F6627IPTSQTP
Descripción Electrónicos  64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6627IPTSQTP Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC18F6627IPTSQTP Datasheet HTML 17Page - Microchip Technology PIC18F6627IPTSQTP Datasheet HTML 18Page - Microchip Technology PIC18F6627IPTSQTP Datasheet HTML 19Page - Microchip Technology PIC18F6627IPTSQTP Datasheet HTML 20Page - Microchip Technology PIC18F6627IPTSQTP Datasheet HTML 21Page - Microchip Technology PIC18F6627IPTSQTP Datasheet HTML 22Page - Microchip Technology PIC18F6627IPTSQTP Datasheet HTML 23Page - Microchip Technology PIC18F6627IPTSQTP Datasheet HTML 24Page - Microchip Technology PIC18F6627IPTSQTP Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 448 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39646B-page 19
PIC18F8722 FAMILY
PORTF is a bidirectional I/O port.
RF0/AN5
RF0
AN5
18
I/O
I
ST
Analog
Digital I/O.
Analog input 5.
RF1/AN6/C2OUT
RF1
AN6
C2OUT
17
I/O
I
O
ST
Analog
—
Digital I/O.
Analog input 6.
Comparator 2 output.
RF2/AN7/C1OUT
RF2
AN7
C1OUT
16
I/O
I
O
ST
Analog
—
Digital I/O.
Analog input 7.
Comparator 1 output.
RF3/AN8
RF3
AN8
15
I/O
I
ST
Analog
Digital I/O.
Analog input 8.
RF4/AN9
RF4
AN9
14
I/O
I
ST
Analog
Digital I/O.
Analog input 9.
RF5/AN10/CVREF
RF5
AN10
CVREF
13
I/O
I
O
ST
Analog
Analog
Digital I/O.
Analog input 10.
Comparator reference voltage output.
RF6/AN11
RF6
AN11
12
I/O
I
ST
Analog
Digital I/O.
Analog input 11.
RF7/SS1
RF7
SS1
11
I/O
I
ST
TTL
Digital I/O.
SPI™ slave select input.
TABLE 1-3:
PIC18F6527/6622/6627/6722 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
TQFP
Legend: TTL = TTL compatible input
CMOS
= CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P= Power
I2C™
= I2C/SMBus input buffer
Note 1:
Default assignment for ECCP2 when configuration bit CCP2MX is set.
2:
Alternate assignment for ECCP2 when configuration bit CCP2MX is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com