| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PPC405EP Datasheet(PDF) 13 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC405EP Datasheet(HTML) 13 Page - Applied Micro Circuits Corporation |
|
13 / 50 page ![]() PPC405EP – PowerPC 405EP Embedded Processor Revision 1.07 – September 10, 2007 AMCC 13 Data Sheet Pin Lists The following table lists all the external signals in alphabetical order and shows the ball (pin) number on which the signal appears. Shared signals are shown with the default signal (following reset) not in brackets and the alternate signal in brackets. Shared signals appear alphabetically multiple times in the list—once for each signal assigned to the ball. The page number listed gives the page in “Signal Functional Description” on page 31 where the signals in the indicated interface group begin. Table 3. Signals Listed Alphabetically (Sheet 1 of 10) Signal Name Ball Interface Group Page AGND AB21 System 35 AVDD AC20 BA0 Y15 SDRAM 33 BA1 AC16 BankSel0 AB13 SDRAM 33 BankSel1 AC13 CAS Y14 SDRAM 33 ClkEn0 AB14 SDRAM 33 ClkEn1 AC14 DQM0 AC10 SDRAM 33 DQM1 AA7 DQM2 W04 DQM3 U02 EMCMDClk Y06 Ethernet 32 EMCMDIO AA5 Ethernet 32 EMC0Tx0D0 U03 Ethernet 32 EMC0Tx0D1 N03 EMC0Tx0D2 L01 EMC0Tx0D3 P03 EMC0Tx0En W01 Ethernet 32 EMC0Tx0Err V03 Ethernet 32 EMC0Tx1D0 B15 Ethernet 32 EMC0Tx1D1 C14 EMC0Tx1D2 A15 EMC0Tx1D3 D14 EMC0Tx1En A16 Ethernet 32 EMC0Tx1Err C15 Ethernet 32 ExtReset A03 External Slave Peripheral 33 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |