Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADS4CH80FS Datasheet(PDF) 2 Page - Advanced (Shenzhen) Electronics Co.,Ltd

No. de pieza ADS4CH80FS
Descripción Electrónicos  3 Quadrants High temperature Triacs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Página de inicio  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

ADS4CH80FS Datasheet(HTML) 2 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  ADS4CH80FS Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS4CH80FS Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS4CH80FS Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS4CH80FS Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS4CH80FS Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS4CH80FS Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
 
     
ADS4CH60F/80F
 
2 / 6
www.advsemi.com
Feb,2013 -Rev.3.02
ADV
Electrical Characteristics( Tj = 25°C unless otherwise specified )
Symbol
Items
Conditions
ADS4CH60F/80F
Unit
S
Blank
B
IDRM
IRRM
Peak Forward Reverse Blocking
Current
VDRM = VRRM, Tj = 25°C
Max.
5
uA
VDRM = VRRM, Tj = 150°C
1.75
mA
VTM
Peak On-State Voltage
ITM = 5.5A, tp = 380 μs
Max.
1.55
V
VGD
Q1-Q2-Q3
Non−Trigger Gate
Voltage
VD = VDRM RL = 3.3 kΩ
Tj = 150°C
Min.
0.2
V
VGT
Q1-Q2-Q3
Gate Trigger Voltage
VD = 12V ,RL = 33Ω
Max.
1.5
V
IGT
Q1-Q2-Q3
Gate Trigger Current
Max.
10
35
50
mA
IH
Q1-Q2-Q3
Holding Current
IT = 0.1A
Max.
20
45
60
mA
IL
Q1-Q3
Latching Current
IG = 1.2 IGT
Max.
20
50
70
mA
Q2
35
70
100
dV/dt
Critical Rate of Rise of Off-State
Voltage
VD = 2/3VDRM gate open
Tj = 150°C
Min.
200
1000
1500
V/μs
(dV/dt)c
Critical Rate of Change of
Commutating Voltage
VD=400V Tj = 150°C
(dI/dt)c=-1.7A/ms
Min.
1
15
20
V/μs
Rth(j-c)
Junction to case (AC)
Max.
4.0
°C/W
Rth(j-a)
Junction to ambient
Max.
60
°C/W
V
A
VD
RG
V
A
VD
RG
V
A
VD
RG
V
A
VD
RG
RL
T2+
T2-
Q1(T2+G+)
Q3(T2-G-)
Q2(T2+G-)
RL
RL
G+
G-
FIG.1:Triac quadrant are defined and the gate trigger test circuit



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com