Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

US3B Datasheet(PDF) 1 Page - Diotec Semiconductor

No. de pieza US3B
Descripción Electrónicos  Ultrafast Switching Surface Mount Si-Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOTEC [Diotec Semiconductor]
Página de inicio  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

US3B Datasheet(HTML) 1 Page - Diotec Semiconductor

  US3B Datasheet HTML 1Page - Diotec Semiconductor US3B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US3A ... US3M
US3A ... US3M
Ultrafast Switching Surface Mount Si-Diodes
Ultraschnelle Si-Dioden für die Oberflächenmontage
Version 2006-04-19
Dimensions - Maße [mm]
Nominal current
Nennstrom
3 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...1000 V
Plastic case
Kunststoffgehäuse
~ SMC
~ DO-214AB
Weight approx. – Gewicht ca.
0.21 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
US3A
50
50
US3B
100
100
US3D
200
200
US3G
400
400
US3J
600
600
US3K
800
800
US3M
1000
1000
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C IFAV
3 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
15 A 1)
Peak forward surge current, 50 Hz half sine-wave
Stoßstrom für eine 50 Hz Sinus-Halbwelle
TA = 25°C
IFSM
100 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
50 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
0.15
Type
Typ
1.2
7.9
±0.2
7.5
±0.2


Número de pieza similar - US3B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Sunrise Electr...
US3B SSE-US3B Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
US3B DIOTEC-US3B Datasheet
164Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Semikron International
US3B SEMIKRON-US3B Datasheet
179Kb / 2P
Ultra silicon rectifier diodes
US3B SEMIKRON-US3B Datasheet
201Kb / 2P
Ultrafast silicon rectifier diodes
logo
MIC GROUP RECTIFIERS
US3B MIC-US3B Datasheet
62Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results

Descripción similar - US3B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
EGL34A DIOTEC-EGL34A Datasheet
122Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
SUF4001 DIOTEC-SUF4001 Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
BAV100 DIOTEC-BAV100 Datasheet
133Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
LL4148 DIOTEC-LL4148_07 Datasheet
103Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
SUF4001 DIOTEC-SUF4001_07 Datasheet
71Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
US2A DIOTEC-US2A_07 Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
US1A DIOTEC-US1A_07 Datasheet
68Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
LL4148 DIOTEC-LL4148_11 Datasheet
96Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
LL4148 DIOTEC-LL4148_13 Datasheet
97Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
LL4148 DIOTEC-LL4148_13 Datasheet
97Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com