Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SLS.M04.GLAV Datasheet(PDF) 1 Page - LEMO Connectors

No. de pieza SLS.M04.GLAV
Descripción Electrónicos  REDEL SP - Inner Push-Pull
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEMO [LEMO Connectors]
Página de inicio  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

SLS.M04.GLAV Datasheet(HTML) 1 Page - LEMO Connectors

  SLS.M04.GLAV Datasheet HTML 1Page - LEMO Connectors SLS.M04.GLAV Datasheet HTML 2Page - LEMO Connectors SLS.M04.GLAV Datasheet HTML 3Page - LEMO Connectors SLS.M04.GLAV Datasheet HTML 4Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.lemo.com/int_en/solutions/redel/redel-sp-inner-push-pull/sls-m04-glav.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
SLS.M04.GLAV
Image for illustrative purpose only
Summary
Request a quote
Number of contacts Low Voltage
4
Wire Size/AWG
28 - 20
Socket / Receptacle
Socket / Receptacle - Fixed Panel Front Mounted
Locking system
Push-pull
Jacket cable outside diameter [mm]
1.00 - 12.60 mm
Size
SP
Suggested matching part
SAS.M04.GLL.6V
Series
REDEL SP - Inner Push-Pull


Número de pieza similar - SLS.M04.GLAV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LEMO Connectors
SLS.M06.BLMA LEMO-SLS.M06.BLMA Datasheet
150Kb / 4P
REDEL SP - Inner Push-Pull
SLS.M06.GLAG LEMO-SLS.M06.GLAG Datasheet
145Kb / 4P
REDEL SP - Inner Push-Pull
SLS.M06.NLAN LEMO-SLS.M06.NLAN Datasheet
145Kb / 4P
REDEL SP - Inner Push-Pull
SLS.M08.GLAG LEMO-SLS.M08.GLAG Datasheet
176Kb / 4P
REDEL SP - Inner Push-Pull
SLS.M08.GLAV LEMO-SLS.M08.GLAV Datasheet
180Kb / 4P
REDEL SP - Inner Push-Pull
More results

Descripción similar - SLS.M04.GLAV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
FP203 SANYO-FP203 Datasheet
144Kb / 4P
Push-Pull Circuits
logo
Rhombus Industries Inc.
T-1386 RHOMBUS-IND-T-1386 Datasheet
27Kb / 1P
Push-Pull Transformer
T-1442 RHOMBUS-IND-T-1442 Datasheet
31Kb / 1P
Push-Pull Transformer
07/6/01
logo
MPS Industries, Inc.
P6270XF MPSIND-P6270XF Datasheet
191Kb / 1P
PUSH-PULL TRANSFORMER
logo
Amphenol Corporation
00110930040 AMPHENOL-00110930040 Datasheet
2Mb / 36P
PUSH-PULL CONNECTORS
logo
AVX Corporation
006200167032800 AVX-006200167032800 Datasheet
2Mb / 36P
pUSH-pULL CONNECTORS
logo
List of Unclassifed Man...
HR10-10P-12S ETC1-HR10-10P-12S Datasheet
2Mb / 20P
Push-Pull Connectors
logo
Glenair, Inc.
844-003 GLENAIR-844-003 Datasheet
260Kb / 1P
Push-Pull Receptacle
logo
Coilcraft lnc.
PA6381 COILCRAFT-PA6381_16 Datasheet
167Kb / 2P
Push-Pull Transformers
logo
VACUUMSCHMELZE GmbH & C...
T60402-C4615-X065 VACUUMSCHMELZE-T60402-C4615-X065 Datasheet
49Kb / 2P
Push Pull Transformer
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com