Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RHFL4913SCA1 Datasheet(PDF) 12 Page - STMicroelectronics

No. de pieza RHFL4913SCA1
Descripción Electrónicos  Rad-Hard Adjustable positive voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913SCA1 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button RHFL4913SCA1 Datasheet HTML 8Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 9Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 10Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 11Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 12Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 13Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 14Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 15Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
DIE Information
RHFL4913 ADJUSTABLE VERSION
12/16
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.84
3.00
3.15
0.112
0.118
0.124
A1
0.25
0.38
0.51
0.010
0.015
0.020
b
7.13
7.26
7.39
0.281
0.286
0.291
b1
4.95
5.08
5.21
0.195
0.200
0.205
b2
2.28
2.41
2.54
0.090
0.095
0.100
b3
2.92
3.05
3.18
0.115
0.120
0.125
D
13.71
13.84
13.97
0.540
0.545
0.550
D1
0.76
0.030
E
7.39
7.52
7.65
0.291
0.296
0.301
e
1.91
0.075
SMD5C MECHANICAL DATA
7924296B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16