Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TT8L08 Datasheet(PDF) 4 Page - Diodes Incorporated

No. de pieza TT8L08
Descripción Electrónicos  8A LOW VF BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TT8L08 Datasheet(HTML) 4 Page - Diodes Incorporated

  TT8L08 Datasheet HTML 1Page - Diodes Incorporated TT8L08 Datasheet HTML 2Page - Diodes Incorporated TT8L08 Datasheet HTML 3Page - Diodes Incorporated TT8L08 Datasheet HTML 4Page - Diodes Incorporated TT8L08 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TT8L08
Document number: DS45041 Rev. 6 - 2
4 of 5
www.diodes.com
August 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
TT8L08
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
TTL
TTL
Dim
Min
Max
TYP
A
1.45
1.80
1.65
A1
0.00
0.15
0.10
A2
1.45
1.65
1.55
b
1.30
1.50
1.40
c
0.15
0.35
0.25
D
10.05 10.35 10.20
E
9.75
10.05
9.90
E1
6.85
7.15
7.00
e
4.90
5.10
5.00
L
0.45
0.95
0.70
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
TTL
Dimensions
Value
(in mm)
C
5.00
X
1.80
Y
2.10
Y1
11.70



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com