Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

S503S3BA Datasheet(PDF) 3 Page - Ashcroft, Inc.

No. de pieza S503S3BA
Descripción Electrónicos  S50 Industrial RTDs & Thermocouples with NPT Connections
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASHCROFT [Ashcroft, Inc.]
Página de inicio  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S503S3BA Datasheet(HTML) 3 Page - Ashcroft, Inc.

  S503S3BA Datasheet HTML 1Page - Ashcroft, Inc. S503S3BA Datasheet HTML 2Page - Ashcroft, Inc. S503S3BA Datasheet HTML 3Page - Ashcroft, Inc. S503S3BA Datasheet HTML 4Page - Ashcroft, Inc. S503S3BA Datasheet HTML 5Page - Ashcroft, Inc. S503S3BA Datasheet HTML 6Page - Ashcroft, Inc. S503S3BA Datasheet HTML 7Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Continued on
next page
S50 RTD ORDERING CODE
Example:
S50
1
T
1
A
A
B
A
D
2
Area Classification
1 - Standard - General purpose
1
2 - Explosion proof (must order head type F or S)
3 - Intrinsic Safety - ia
B - Intrinsic Safety - ib
E - Increased Safety
N - Non-Incendive
Sheath Diameter
R - 1∕8˝ Ø3.18 mm
S - 3∕16˝ Ø4.76 mm
T - 1/4˝ Ø6.35 mm
T
3 - 3 mm
4 - 4.5 mm
6 - 6 mm
8 - 8 mm
RTD Type
1 - Pt 100 Platinum 385 temperature coefficient
1
3 - Pt 1000 Platinum 385 temperature coefficient
Accuracy or Class (IEC 60751)
A - Class A
A
B - Class B
C - 1/2 DIN
D - Class AA - 1/3 DIN
RTD Element/Range
A - -50 to 400 °C
A
B - -200 to 600 °C
D - Vibration-proof
Electrical Circuit
A - Single 2-wire
B - Single 3-wire
B
C - Single 4-wire
D - Dual 2-wire
E - Dual 3-wire
F - Dual 4-wire
Sheath Material
A - 316 Stainless steel - AISI 316/1.4404
Head Type
F - Ex d Aluminum
S - Ex d Stainless steel
G - SCCI Stainless steel
N - SCCA Aluminum
B - DIN B Aluminum
D - BUZ Aluminum
D
E - BUZH Aluminum
P - PR 7501 (N/A with FM approval)
Y - Cast iron (N/A with FM approval)
A - Polypropylene (N/A with FM approval)
H - E&H Housing (N/A with FM approval)
Instrument Connection - ½ Conduit Connection
2 - 1/2 NPT
2
N - ¾ NPT
M - M20 x 1.5
A - Adapter M20 x 1.5
P - Pg 16
Instrument Connection - ¾ Conduit Connection
3 - 1/2 NPT
4 - ¾ NPT
5 - M20 x 1.5
of 7
3
Data Sheet
S50 Industrial RTDs & Thermocouples
with NPT Connections
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are the property
of their respective owners: Inconel®. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. S50_RTD_ds_RevD_04-05-23
ashcroft.com
| 1.800.328.8258 | Contact Us
S50 Industrial RTDs



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com