Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LD1086D2TTR Datasheet(PDF) 28 Page - STMicroelectronics

No. de pieza LD1086D2TTR
Descripción Electrónicos  1.5A Low drop positive voltage regulator adjustable and fixed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1086D2TTR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LD1086D2TTR Datasheet HTML 24Page - STMicroelectronics LD1086D2TTR Datasheet HTML 25Page - STMicroelectronics LD1086D2TTR Datasheet HTML 26Page - STMicroelectronics LD1086D2TTR Datasheet HTML 27Page - STMicroelectronics LD1086D2TTR Datasheet HTML 28Page - STMicroelectronics LD1086D2TTR Datasheet HTML 29Page - STMicroelectronics LD1086D2TTR Datasheet HTML 30Page - STMicroelectronics LD1086D2TTR Datasheet HTML 31Page - STMicroelectronics LD1086D2TTR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Package mechanical data
LD1086xx
28/37
Figure 32.
D2PAK footprint recommended data
Table 15.
Footprint data
VALUES
mm.
inch.
A
12.20
0.480
B9.75
0.384
C
16.90
0.665
D3.50
0.138
E1.60
0.063
F2.54
0.100
G5.08
0.200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37