| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M93C66-RBN6G/W Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M93C66-RBN6G/W Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 38 page ![]() M93C86, M93C76, M93C66, M93C56, M93C46 Instructions 15/38 Figure 4. READ, WRITE, WEN, WDS sequences 1. For the meanings of An, Xn, Qn and Dn, see Table 5., Table 6. and Table 7.. 5.3 Erase Byte or Word The Erase Byte or Word (ERASE) instruction sets the bits of the addressed memory byte (or word) to 1. Once the address has been correctly decoded, the falling edge of the Chip Select Input (S) starts the self-timed Erase cycle. The completion of the cycle can be detected by monitoring the READY/BUSY line, as described in the READY/BUSY status section. AI00878d 1 1 0 An A0 Qn Q0 DATA OUT D S Q Read S Write ADDR OP CODE 1 0An A0 DATA IN D Q OP CODE Dn D0 1 BUSY READY S Write Enable 1 0Xn X0 D OP CODE 1 01 S Write Disable 1 0Xn X0 D OP CODE 0 0 0 CHECK STATUS ADDR |