| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLE2064CDG4 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2064CDG4 Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 78 page ![]() TLE206x, TLE206xA, TLE206xB EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE µPOWER OPERATIONAL AMPLIFIERS SLOS193B − FEBRUARY 1997 − REVISED MAY 2004 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2061 AVAILABLE OPTIONS PACKAGED DEVICES TA VIOmax AT 25 °C SMALL OUTLINE† (D) CHIP CARRIER (FK) CERAMIC DIP (JG) PLASTIC DIP (P) TSSOP‡ (PW) CERAMIC FLAT PACK (U) 500 µV — — — — — — 0 °C to 70°C 1.5 mV TLE2061ACD — — TLE2061ACP — — 0 C to 70 C 3 mV TLE2061CD — — TLE2061CP TLE2061CPWLE — 500 µV — — — — — — −40 °C to 85°C 1.5 mV TLE2061AID — — TLE2061AIP — — −40 C to 85 C 3 mV TLE2061ID — — TLE2061IP — — 500 µV — — TLE2061BMJG — — — −55 °C to 125°C 1.5 mV TLE2061AMD TLE2061AMFK TLE2061AMJG — — TLE2061AMU −55 C to 125 C 3 mV TLE2061MD TLE2061MFK TLE2061MJG — — TLE2061MU † The D packages are available taped and reeled. Add R suffix to device type (e.g., TLE2061ACDR).Chips are tested at 25°C. ‡ The PW package is available left-end taped and reeled (indicated by the LE suffix on the device type (e.g., TLE2061CPWLE). TLE2062 AVAILABLE OPTIONS PACKAGED DEVICES TA VIOmax AT 25 °C SMALL OUTLINE† (D) CHIP CARRIER (FK) CERAMIC DIP (JG) PLASTIC DIP (P) CERAMIC FLAT PACK (U) 0 °C to 70 °C 1 mV 2 mV 4 mV TLE2062BCD TLE2062ACD TLE2062CD — — — — — — TLE2062BCP TLE2062ACP TLE2062CP — — — −40 °C to 85 °C 1 mV 2 mV 4 mV TLE2062BID TLE2062AID TLE2062ID — — — — — — TLE2062BIP TLE2062AIP TLE2062IP — — — −55 °C to 125 °C 1 mV 2 mV 4 mV TLE2062BMD TLE2062AMD TLE2062MD — TLE2062AMFK TLE2062MFK TLE2062BMJG TLE2062AMJG TLE2062MJG — — — — TLE2062AMU TLE2062MU † The D packages are available taped and reeled. Add R suffix to device type (e.g., TLE2062ACDR). TLE2064 AVAILABLE OPTIONS PACKAGED DEVICES VIOmax SMALL OUTLINE† CHIP CARRIER CERAMIC DIP PLASTIC DIP CERAMIC TA VIOmax AT 25 °C SMALL OUTLINE† (D) CHIP CARRIER (FK) CERAMIC DIP (J) PLASTIC DIP (N) CERAMIC FLAT PACK TA AT 25 °C (D) (FK) (J) (N) FLAT PACK (W) 0 °C to 70 °C 2 mV 4 mV 6 mV — TLE2064ACD TLE2064CD — — TLE2064BCN TLE2064ACN TLE2064CN — −40 °C to 85 °C 2 mV 4 mV 6 mV — TLE2064AID TLE2064ID — — TLE2064BIN TLE2064AIN TLE2064IN — −55 °C to 125 °C 2 mV 4 mV 6 mV — TLE2064AMD TLE2064MD TLE2064BMFK TLE2064AMFK TLE2064MFK TLE2064BMJ TLE2064AMJ TLE2064MJ — — TLE2064AMW TLE2064MW † The D packages are available taped and reeled. Add R suffix to device type, (e.g., TLE2064ACDR). |