| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST7263BE Datasheet(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7263BE Datasheet(HTML) 36 Page - STMicroelectronics |
|
36 / 145 page ![]() ST7263BDx ST7263BHx ST7263BKx ST7263BE 36/145 I/O ports (Cont’d) 10.3.2 Port B Table 12. Port B description PORT B I/O Alternate function Input1 Output Signal Condition PB0 without pull-up push-pull Analog input (ADC) CH[3:0] = 000 (ADCCSR) PB1 without pull-up push-pull Analog input (ADC) CH[3:0] = 001 (ADCCSR) USBOE (USB output ena- ble)2 USBOE =1 (MISCR) PB2 without pull-up push-pull Analog input (ADC) CH[3:0]= 010 (ADCCSR) PB3 without pull-up push-pull Analog input (ADC) CH[3:0]= 011 (ADCCSR) PB4 without pull-up push-pull Analog input (ADC) CH[3:0]= 100 (ADCCSR) IT5 Schmitt triggered input IT4E = 1 (ITIFRE) PB5 without pull-up push-pull Analog input (ADC) CH[3:0]= 101 (ADCCSR) IT6 Schmitt triggered input IT5E = 1 (ITIFRE) PB6 without pull-up push-pull Analog input (ADC) CH[3:0]= 110 (ADCCSR) IT7 Schmitt triggered input IT6E = 1 (ITIFRE) PB7 without pull-up push-pull Analog input (ADC) CH[3:0]= 111 (ADCCSR) IT8 Schmitt triggered input IT7E = 1 (ITIFRE) 1Reset State 2On SO24 only |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |