| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STW5098T Datasheet(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW5098T Datasheet(HTML) 65 Page - STMicroelectronics |
|
65 / 85 page ![]() STw5098 Electrical characteristics 65/85 10.7 LS and EAR gain limiter Information below is for each entity. Table 45. LS and EAR gain limiter Symbol Parameter Test conditions Min. Typ. Max. Unit VLSLIMH High voltage at VCCLS (VLSH=1) VCCLS raising 4.2 V VLSLIML Low voltage at VCCLS (VLSH=0) VCCLS falling 4.0 V VLSLIMD VCCLS Hysteresis 200 mV Note: See CR32 for VLSH definition. See Loudspeaker driver description in Section 4.10 for details. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |