Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 210 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 210 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 206Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 207Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 208Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 209Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 210Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 211Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 212Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 213Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 214Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
210
Freescale Semiconductor
6.8.1.4
Immediate 4 Bit Wide (IMM4)
The 4 bit wide immediate addressing mode is supported by all shift instructions.
RD = RD
∗ imm4
Examples:
LSL
R4,#1
; R4 = R4 << 1; shift register R4 by 1 bit to the left
LSR
R4,#3
; R4 = R4 >> 3; shift register R4 by 3 bits to the right
6.8.1.5
Immediate 8 Bit Wide (IMM8)
The 8 bit wide immediate addressing mode is supported by four major commands (ADD, SUB, LD, CMP).
RD = RD
∗ imm8
Examples:
ADDL
R1,#1
; adds an 8 bit value to register R1
SUBL
R2,#2
; subtracts an 8 bit value from register R2
LDH
R3,#3
; loads an 8 bit immediate into the high byte of Register R3
CMPL
R4,#4
; compares the low byte of register R4 with an immediate value
6.8.1.6
Immediate 16 Bit Wide (IMM16)
The 16 bit wide immediate addressing mode is a construct to simplify assembler code. Instructions which
offer this mode are translated into two opcodes using the eight bit wide immediate addressing mode.
RD = RD
∗ imm16
Examples:
LDW
R4,#$1234
; translated to LDL R4,#$34; LDH R4,#$12
ADD
R4,#$5678
; translated to ADDL R4,#$78; ADDH R4,#$56
6.8.1.7
Monadic Addressing (MON)
In this addressing mode only one operand is explicitly given. This operand can either be the source (f(RD)),
the target (RD = f()), or both source and target of the operation (RD = f(RD)).
Examples:
JAL
R1
; PC = R1, R1 = PC+2
SIF
R2
; Trigger IRQ associated with the channel number in R2.L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com