Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 71Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 72Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 73Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 74Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 75Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 76Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 77Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 78Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
75
Vector base + $88
$44
SCI3
I bit
SCI3CR2
(TIE, TCIE, RIE, ILIE)
Vector base + $8A
to
Vector base + $88
Reserved
Vector base + $86
$43
SCI4
I bit
SCI4CR2
(TIE, TCIE, RIE, ILIE)
Vector base + $84
$42
SCI5
I bit
SCI5CR2
(TIE, TCIE, RIE, ILIE)
Vector base + $86
to
Vector base + $84
Reserved
Vector base + $82
$41
IIC1 Bus
I bit
IBCR (IBIE)
Vector base + $82
Reserved
Vector base + $80
$40
Low-voltage interrupt (LVI)
I bit
VREGCTRL (LVIE)
Vector base + $7E
$3F
Autonomous periodical interrupt (API)
I bit
VREGAPICTRL (APIE)
Vector base + $7C
Reserved
Vector base + $7A
$3D
Periodic interrupt timer channel 0
I bit
PITINTE (PINTE0)
Vector base + $78
$3C
Periodic interrupt timer channel 1
I bit
PITINTE (PINTE1)
Vector base + $76
$3B
Periodic interrupt timer channel 2
I bit
PITINTE (PINTE2)
Vector base + $74
$3A
Periodic interrupt timer channel 3
I bit
PITINTE (PINTE3)
Vector base + $72
$39
XGATE software trigger 0
I bit
XGMCTL (XGIE)
Vector base + $70
$38
XGATE software trigger 1
I bit
XGMCTL (XGIE)
Vector base + $6E
$37
XGATE software trigger 2
I bit
XGMCTL (XGIE)
Vector base + $6C
$36
XGATE software trigger 3
I bit
XGMCTL (XGIE)
Vector base + $6A
$35
XGATE software trigger 4
I bit
XGMCTL (XGIE)
Vector base + $68
$34
XGATE software trigger 5
I bit
XGMCTL (XGIE)
Vector base + $66
$33
XGATE software trigger 6
I bit
XGMCTL (XGIE)
Vector base + $64
$32
XGATE software trigger 7
I bit
XGMCTL (XGIE)
Vector base + $62
—
XGATE software error interrupt
I bit
XGMCTL (XGIE)
Vector base + $60
—
S12XCPU RAM access violation
I bit
RAMWPC (AVIE)
Vector base+ $12
to
Vector base + $5E
Reserved
Vector base + $10
—
Spurious interrupt
—
None
1 16 bits vector address based
2 For detailed description of XGATE channel ID refer to XGATE Block Guide
Table 1-12. Interrupt Vector Locations (Sheet 3 of 3)
Vector Address1
XGATE
Channel ID2
Interrupt Source
CCR
Mask
Local Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com