Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 228 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 228 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 224Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 225Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 226Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 227Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 228Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 229Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 230Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 231Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 232Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
228
Freescale Semiconductor
Operation
FirstOne (RS)
⇒ RD;
Searches the first “1” in register RS (from MSB to LSB) and writes the bit position into the destination
register RD. The upper bits of RD are cleared. In case the content of RS is equal to $0000, RD will be
cleared and the carry flag will be set. This is used to distinguish a “1” in position 0 versus no “1” in the
whole RS register at all.
CCR Effects
Code and CPU Cycles
BFFO
Bit Field Find First One
BFFO
NZ
V
C
0
∆
0
∆
N:
0; cleared.
Z:
Set if the result is $0000; cleared otherwise.
V:
0; cleared.
C:
Set if RS = $00001; cleared otherwise.
1 Before executing the instruction
Source Form
Address
Mode
Machine Code
Cycles
BFFO RD, RS
DYA
0
0
0
0
1
RD
RS
1
0
0
0
0
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com