Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 250 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 250 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 246Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 247Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 248Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 249Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 250Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 251Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 252Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 253Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 254Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
250
Freescale Semiconductor
Operation
RS.L – IMM8
⇒ NONE, only condition code flags get updated
Subtracts the 8 bit constant IMM8 contained in the instruction code from the low byte of the source register
RS.L using binary subtraction and updates the condition code register accordingly.
Remark: There is no equivalent operation using triadic addressing. Comparing the values of two registers
can be performed by using the subtract instruction with R0 as destination register.
CCR Effects
Code and CPU Cycles
CMPL
Compare Immediate 8 bit Constant
(Low Byte)
CMPL
NZ
V
C
∆∆∆∆
N:
Set if bit 7 of the result is set; cleared otherwise.
Z:
Set if the 8 bit result is $00; cleared otherwise.
V:
Set if a two´s complement overflow resulted from the 8 bit operation; cleared otherwise.
RS[7] & IMM8[7] & result[7] | RS[7] & IMM8[7] & result[7]
C:
Set if there is a carry from the Bit 7 to Bit 8 of the result; cleared otherwise.
RS[7] & IMM8[7] | RS[7] & result[7] | IMM8[7] & result[7]
Source Form
Address
Mode
Machine Code
Cycles
CMPL RS, #IMM8
IMM8
1
1
0
1
0
RS
IMM8
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com