Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 364 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 364 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 360Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 361Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 362Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 363Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 364Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 365Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 366Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 367Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 368Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 1350 page
background image
Chapter 8 Pulse-Width Modulator (S12PWM8B8CV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
364
Freescale Semiconductor
8.1.3
Block Diagram
Figure 8-1 shows the block diagram for the 8-bit 8-channel PWM block.
Figure 8-1. PWM Block Diagram
8.2
External Signal Description
The PWM module has a total of 8 external pins.
8.2.1
PWM7 — PWM Channel 7
This pin serves as waveform output of PWM channel 7 and as an input for the emergency shutdown
feature.
8.2.2
PWM6 — PWM Channel 6
This pin serves as waveform output of PWM channel 6.
Period and Duty
Counter
Channel 6
Clock Select
PWM Clock
Period and Duty
Counter
Channel 5
Period and Duty
Counter
Channel 4
Period and Duty
Counter
Channel 3
Period and Duty
Counter
Channel 2
Period and Duty
Counter
Channel 1
Alignment
Polarity
Control
PWM8B8C
PWM6
PWM5
PWM4
PWM3
PWM2
PWM1
Enable
PWM Channels
Period and Duty
Counter
Channel 7
Period and Duty
Counter
Channel 0
PWM0
PWM7
Bus Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com