Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 392 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 392 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 388Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 389Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 390Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 391Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 392Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 393Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 394Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 395Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 396Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 1350 page
background image
Chapter 8 Pulse-Width Modulator (S12PWM8B8CV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
392
Freescale Semiconductor
Either left aligned or center aligned output mode can be used in concatenated mode and is controlled by
the low order CAEx bit. The high order CAEx bit has no effect.
Table 8-11 is used to summarize which channels are used to set the various control bits when in 16-bit
mode.
8.4.2.8
PWM Boundary Cases
Table 8-12 summarizes the boundary conditions for the PWM regardless of the output mode (left aligned
or center aligned) and 8-bit (normal) or 16-bit (concatenation).
8.5
Resets
The reset state of each individual bit is listed within the Section 8.3.2, “Register Descriptions” which
details the registers and their bit-fields. All special functions or modes which are initialized during or just
following reset are described within this section.
•
The 8-bit up/down counter is configured as an up counter out of reset.
•
All the channels are disabled and all the counters do not count.
Table 8-11. 16-bit Concatenation Mode Summary
CONxx
PWMEx
PPOLx
PCLKx
CAEx
PWMx
Output
CON67
PWME7
PPOL7
PCLK7
CAE7
PWM7
CON45
PWME5
PPOL5
PCLK5
CAE5
PWM5
CON23
PWME3
PPOL3
PCLK3
CAE3
PWM3
CON01
PWME1
PPOL1
PCLK1
CAE1
PWM1
Table 8-12. PWM Boundary Cases
PWMDTYx
PWMPERx
PPOLx
PWMx Output
$00
(indicates no duty)
>$00
1
Always low
$00
(indicates no duty)
>$00
0
Always high
XX
$001
(indicates no period)
1 Counter = $00 and does not count.
1
Always high
XX
$001
(indicates no period)
0
Always low
>= PWMPERx
XX
1
Always high
>= PWMPERx
XX
0
Always low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com