Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 499 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 499 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 495Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 496Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 497Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 498Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 499Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 500Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 501Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 502Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 503Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 499 / 1350 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
499
When the transmit shift register is not transmitting a frame, the TXD pin goes to the idle condition, logic
1. If at any time software clears the TE bit in SCI control register 2 (SCICR2), the transmitter enable signal
goes low and the transmit signal goes idle.
If software clears TE while a transmission is in progress (TC = 0), the frame in the transmit shift register
continues to shift out. To avoid accidentally cutting off the last frame in a message, always wait for TDRE
to go high after the last frame before clearing TE.
To separate messages with preambles with minimum idle line time, use this sequence between messages:
1. Write the last byte of the first message to SCIDRH/L.
2. Wait for the TDRE flag to go high, indicating the transfer of the last frame to the transmit shift
register.
3. Queue a preamble by clearing and then setting the TE bit.
4. Write the first byte of the second message to SCIDRH/L.
11.4.5.3
Break Characters
Writing a logic 1 to the send break bit, SBK, in SCI control register 2 (SCICR2) loads the transmit shift
register with a break character. A break character contains all logic 0s and has no start, stop, or parity bit.
Break character length depends on the M bit in SCI control register 1 (SCICR1). As long as SBK is at logic
1, transmitter logic continuously loads break characters into the transmit shift register. After software
clears the SBK bit, the shift register finishes transmitting the last break character and then transmits at least
one logic 1. The automatic logic 1 at the end of a break character guarantees the recognition of the start bit
of the next frame.
The SCI recognizes a break character when there are 10 or 11(M = 0 or M = 1) consecutive zero received.
Depending if the break detect feature is enabled or not receiving a break character has these effects on SCI
registers.
If the break detect feature is disabled (BKDFE = 0):
•
Sets the framing error flag, FE
•
Sets the receive data register full flag, RDRF
•
Clears the SCI data registers (SCIDRH/L)
•
May set the overrun flag, OR, noise flag, NF, parity error flag, PE, or the receiver active flag, RAF
(see 3.4.4 and 3.4.5 SCI Status Register 1 and 2)
If the break detect feature is enabled (BKDFE = 1) there are two scenarios1
The break is detected right from a start bit or is detected during a byte reception.
•
Sets the break detect interrupt flag, BLDIF
•
Does not change the data register full flag, RDRF or overrun flag OR
•
Does not change the framing error flag FE, parity error flag PE.
•
Does not clear the SCI data registers (SCIDRH/L)
•
May set noise flag NF, or receiver active flag RAF.
1. A Break character in this context are either 10 or 11 consecutive zero received bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com