Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 567 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 567 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 563Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 564Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 565Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 566Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 567Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 568Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 569Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 570Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 571Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 567 / 1350 page
background image
Chapter 14 Voltage Regulator (S12VREG3V3V5)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
567
14.4.10.1 Low-Voltage Interrupt (LVI)
In FPM, VREG_3V3 monitors the input voltage VDDA. Whenever VDDA drops below level VLVIA, the
status bit LVDS is set to 1. On the other hand, LVDS is reset to 0 when VDDA rises above level VLVID.An
interrupt, indicated by flag LVIF = 1, is triggered by any change of the status bit LVDS if interrupt enable
bit LVIE = 1.
NOTE
On entering the reduced power mode, the LVIF is not cleared by the
VREG_3V3.
14.4.10.2 Autonomous Periodical Interrupt (API)
As soon as the configured timeout period of the API has elapsed, the APIF bit is set. An interrupt, indicated
by flag APIF = 1, is triggered if interrupt enable bit APIE = 1.
Autonomous periodical interrupt (API)
APIE = 1
Table 14-10. Interrupt Vectors
Interrupt Source
Local Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com