Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 596 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 596 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 592Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 593Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 594Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 595Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 596Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 597Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 598Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 599Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 600Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 596 / 1350 page
background image
Chapter 16 Interrupt (S12XINTV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
596
Freescale Semiconductor
16.1.1
Glossary
The following terms and abbreviations are used in the document.
16.1.2
Features
•
Interrupt vector base register (IVBR)
•
One spurious interrupt vector (at address vector base1 + 0x0010).
•
2–113 I bit maskable interrupt vector requests (at addresses vector base + 0x0012–0x00F2).
•
Each I bit maskable interrupt request has a configurable priority level and can be configured to be
handled by either the CPU or the XGATE module2.
•
I bit maskable interrupts can be nested, depending on their priority levels.
•
One X bit maskable interrupt vector request (at address vector base + 0x00F4).
•
One non-maskable software interrupt request (SWI) or background debug mode vector request (at
address vector base + 0x00F6).
•
One non-maskable unimplemented opcode trap (TRAP) vector (at address vector base + 0x00F8).
•
Three system reset vectors (at addresses 0xFFFA–0xFFFE).
•
Determines the highest priority DMA and interrupt vector requests, drives the vector to the XGATE
module or to the bus on CPU request, respectively.
•
Wakes up the system from stop or wait mode when an appropriate interrupt request occurs or
whenever XIRQ is asserted, even if X interrupt is masked.
•
XGATE can wake up and execute code, even with the CPU remaining in stop or wait mode.
16.1.3
Modes of Operation
•
Run mode
This is the basic mode of operation.
Table 16-1. Terminology
Term
Meaning
CCR
Condition Code Register (in the S12X CPU)
DMA
Direct Memory Access
INT
Interrupt
IPL
Interrupt Processing Level
ISR
Interrupt Service Routine
MCU
Micro-Controller Unit
XGATE
please refer to the "XGATE Block Guide"
IRQ
refers to the interrupt request associated with the IRQ pin
XIRQ
refers to the interrupt request associated with the XIRQ pin
1. The vector base is a 16-bit address which is accumulated from the contents of the interrupt vector base register (IVBR, used
as upper byte) and 0x00 (used as lower byte).
2. The IRQ interrupt can only be handled by the CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com