Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 780 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 780 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 776Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 777Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 778Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 779Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 780Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 781Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 782Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 783Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 784Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 780 / 1350 page
background image
Chapter 20 S12X Debug (S12XDBGV3) Module
MC9S12XDP512 Data Sheet, Rev. 2.17
780
Freescale Semiconductor
CXINF Information Byte
This describes the format of the information byte used only when tracing from S12XCPU or XGATE in
Detail Mode. When tracing from the S12XCPU in Detail Mode, information is stored to the trace buffer
on all cycles except opcode fetch and free cycles. The XGATE entry stored on the same line is a snapshot
of the XGATE program counter. In this case the CSZ and CRW bits indicate the type of access being made
by the S12XCPU, whilst the XACK and XOCF bits indicate if the simultaneous XGATE cycle is a free
cycle (no bus acknowledge) or opcode fetch cycle. Similarly when tracing from the XGATE in Detail
Mode, information is stored to the trace buffer on all cycles except opcode fetch and free cycles. The
S12XCPU entry stored on the same line is a snapshot of the S12XCPU program counter. In this case the
XSZ and XRW bits indicate the type of access being made by the XGATE, whilst the CFREE and COCF
bits indicate if the simultaneous S12XCPU cycle is a free cycle or opcode fetch cycle.
Table 20-41. CINF Field Descriptions
Field
Description
7
CSD
Source Destination Indicator — This bit indicates if the corresponding stored address is a source or destination
address. This is only used in Normal and Loop1 mode tracing.
0 Source Address
1 Destination Address
6
CVA
Vector Indicator — This bit indicates if the corresponding stored address is a vector address.. This is only used
in Normal and Loop1 mode tracing.
0 Source Address
1 Destination Address
4
CDV
Data Invalid Indicator — This bit indicates if the trace buffer entry is invalid. It is only used when tracing from
both sources in Normal, Loop1 and Pure PC modes, to indicate that the S12XCPU trace buffer entry is valid.
0 Trace buffer entry is invalid
1 Trace buffer entry is valid
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CFREE
CSZ
CRW
COCF
XACK
XSZ
XRW
XOCF
Figure 20-26. Information Byte CXINF
Table 20-42. CXINF Field Descriptions
Field
Description
7
CFREE
S12XCPU Free Cycle Indicator — This bit indicates if the stored S12XCPU address corresponds to a free cycle.
This bit only contains valid information when tracing the XGATE accesses in Detail Mode.
0 Stored information corresponds to free cycle
1 Stored information does not correspond to free cycle
6
CSZ
Access Type Indicator — This bit indicates if the access was a byte or word size access.This bit only contains
valid information when tracing S12XCPU activity in Detail Mode.
0 Word Access
1 Byte Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com