Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 1033 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 1033 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 1029Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1030Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1031Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1032Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1033Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1034Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1035Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1036Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1037Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1033 / 1350 page
background image
24.0.7.9
Port H
This port is associated with the SPI1, . Port H pins PH[7:0] can be used for either general purpose
I/O, or with the SPI and SCI subsystems. Port H pins can be used with the routed SPI1. Refer to
Section 24.0.5.33, “Module Routing Register (MODRR)”.
Port H offers 8 I/O pins with edge triggered interrupt capability (Section 24.0.8, “Pin Interrupts”).
NOTE
Port H is not available in 80-pin packages.
24.0.7.10 Port J
This port is associated with CAN4, CAN0, IIC0. Port J pins PJ[7:4] and PJ[2:0] can be used for
either general purpose I/O, or with the CAN, IIC, or SCI subsystems. If IIC takes precedence the
associated pins become IIC open-drain output pins. The CAN4 pins can be re-routed. Refer to
Section 24.0.5.33, “Module Routing Register (MODRR)”.
Port J pins can be used with the routed CAN0 modules. Refer to Section 24.0.5.33, “Module
Routing Register (MODRR)”.
Port J offers 7 I/O pins with edge triggered interrupt capability (Section 24.0.8, “Pin Interrupts”).
NOTE
PJ[5,4,2,1,0] are not available in 80-pin packages.
24.0.7.11 Port AD1
This port is associated with the ATD1. Port AD1 pins PAD15–PAD0 can be used for either general
purpose I/O, or with the ATD1 subsystem.
NOTE
PAD[15:8] are not available in 80-pin packages.
24.0.8
Pin Interrupts
Ports P, H and J offer pin interrupt capability. The interrupt enable as well as the sensitivity to
rising or falling edges can be individually configured on per-pin basis. All bits/pins in a port share
the same interrupt vector. Interrupts can be used with the pins configured as inputs or outputs.
An interrupt is generated when a bit in the port interrupt flag register and its corresponding port
interrupt enable bit are both set. The pin interrupt feature is also capable to wake up the CPU when
it is in STOP or WAIT mode.
A digital filter on each pin prevents pulses (Figure 24-70) shorter than a specified time from
generating an interrupt. The minimum time varies over process conditions, temperature and
voltage (Figure 24-69 and Table 24-62).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com