Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 1233 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 1233 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 1229Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1230Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1231Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1232Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1233Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1234Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1235Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1236Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1237Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1233 / 1350 page
background image
Chapter 30 Security (S12X9SECV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1233
The meaning of the bits KEYEN[1:0] is shown in Table 30-2. Please refer to Section 30.1.5.1,
“Unsecuring the MCU Using the Backdoor Key Access” for more information.
The meaning of the security bits SEC[1:0] is shown in Table 30-3. For security reasons, the state of device
security is controlled by two bits. To put the device in unsecured mode, these bits must be programmed to
SEC[1:0] = ‘10’. All other combinations put the device in a secured mode. The recommended value to put
the device in secured state is the inverse of the unsecured state, i.e. SEC[1:0] = ‘01’.
NOTE
Please refer to the Flash block guide (FTX) for actual security configuration
(in section “Flash Module Security”).
30.1.4
Operation of the Secured Microcontroller
By securing the device, unauthorized access to the EEPROM and Flash memory contents can be prevented.
However, it must be understood that the security of the EEPROM and Flash memory contents also depends
on the design of the application program. For example, if the application has the capability of downloading
code through a serial port and then executing that code (e.g. an application containing bootloader code),
then this capability could potentially be used to read the EEPROM and Flash memory contents even when
the microcontroller is in the secure state. In this example, the security of the application could be enhanced
by requiring a challenge/response authentication before any code can be downloaded.
Secured operation has the following effects on the microcontroller:
Table 30-2. Backdoor Key Access Enable Bits
KEYEN[1:0]
Backdoor Key
Access Enabled
00
0 (disabled)
01
0 (disabled)
10
1 (enabled)
11
0 (disabled)
Table 30-3. Security Bits
SEC[1:0]
Security State
00
1 (secured)
01
1 (secured)
10
0 (unsecured)
11
1 (secured)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com