Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 1243 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 1243 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 1239Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1240Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1241Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1242Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1243Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1244Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1245Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1246Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1247Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1243 / 1350 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1243
A.1.7
Operating Conditions
This section describes the operating conditions of the device. Unless otherwise noted those conditions
apply to all the following data.
NOTE
Please refer to the temperature rating of the device (C, V, M) with regards to
the ambient temperature TA and the junction temperature TJ. For power
dissipation calculations refer to Section A.1.8, “Power Dissipation and
Thermal Characteristics”.
Table A-4. Operating Conditions
Rating
Symbol
Min
Typ
Max
Unit
I/O, regulator and analog supply voltage
VDD35
3.15
5
5.5
V
Digital logic supply voltage1
1 The device contains an internal voltage regulator to generate the logic and PLL supply out of the I/O supply. The absolute
maximum ratings apply when this regulator is disabled and the device is powered from an external source.
VDD
2.35
2.5
2.75
V
PLL supply voltage2
VDDPLL
2.35
2.5
2.75
V
Voltage difference VDDX to VDDR and VDDA
∆VDDX
–0.1
0
0.1
V
Voltage difference VSSX to VSSR and VSSA
∆VSSX
–0.1
0
0.1
V
Oscillator
fosc
0.5
—
16
MHz
Bus frequency
fbus
0.5
—
40
MHz
C parts
Operating junction temperature range
Operating ambient temperature range2
2 Please refer to Section A.1.8, “Power Dissipation and Thermal Characteristics” for more details about the relation between
ambient temperature TA and device junction temperature TJ.
TJ
TA
–40
–40
—
27
100
85
°C
V parts
Operating junction temperature range
Operating ambient temperature range2
TJ
TA
–40
–40
—
27
120
105
°C
M parts
Operating junction temperature range
Operating ambient temperature range2
TJ
TA
–40
–40
—
27
140
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com