Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 1250 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 1250 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 1246Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1247Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1248Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1249Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1250Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1251Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1252Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1253Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1254Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1250 / 1350 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.17
1250
Freescale Semiconductor
Table A-9. shows the configuration of the peripherals for run current measurement.
Table A-9. Peripheral Configurations for Run Supply Current Measurements
Peripheral
Configuration
MSCAN
configured to loop-back mode using
a bit rate of 1Mbit/s
SPI
configured to master mode,
continously transmit data (0x55 or
0xAA) at 1Mbit/s
SCI
configured into loop mode,
continously transmit data (0x55) at
speed of 57600 baud
IIC
operate in master mode and
continously transmit data (0x55 or
0xAA) at the bit rate of 100Kbit/s
PWM
configured to toggle its pins at the
rate of 40kHz
ECT
the peripheral shall be configured to
output compare mode, Pulse
accumulator and modulus counter
enabled.
ATD
the peripheral is configured to
operate at its maximum specified
frequency and to continuously
convert voltages on all input
channels in sequence.
XGATE
XGATE fetches code from RAM,
XGATE runs in an infinite loop , it
reads the Status and Flag registers
of CAN’s, SPI’s, SCI’s in sequence
and does some bit manipulation on
the data
COP
COP Warchdog Rate 224
RTI
enabled, RTI Control Register
(RTICTL) set to $FF
API
the module is configured to run from
the RC oscillator clock source.
PIT
PIT is enabled, Micro-timer register 0
and 1 loaded with $0F and timer
registers 0 to 3 are loaded with
$03/07/0F/1F.
DBG
the module is enabled and the
comparators are configured to
trigger in outside range. The range
covers all the code executed by the
core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com