Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 1256 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 1256 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 1252Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1253Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1254Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1255Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1256Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1257Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1258Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1259Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1260Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1256 / 1350 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.17
1256
Freescale Semiconductor
A.2.3
ATD Accuracy
A.2.3.1
5-V Range
Table A-15 specifies the ATD conversion performance excluding any errors due to current injection, input
capacitance, and source resistance.
A.2.3.2
3.3-V Range
Table A-16 specifies the ATD conversion performance excluding any errors due to current injection, input
capacitance, and source resistance.
Table A-15. 5-V ATD Conversion Performance
Conditions are shown in Table A-4 unless otherwise noted
VREF = VRH–VRL = 5.12 V. Resulting to one 8-bit count = 20 mV and one 10-bit count = 5 mV
fATDCLK = 2.0 MHz
Num
C
Rating
Symbol
Min
Typ
Max
Unit
1
P 10-bit resolution
LSB
—
5
—
mV
2
P 10-bit differential nonlinearity
DNL
–1
—
1
Counts
3
P 10-bit integral nonlinearity
INL
–2.5
±1.5
2.5
Counts
4
P 10-bit absolute error1
1 These values include the quantization error which is inherently 1/2 count for any A/D converter.
AE
–3
±2.0
3
Counts
5
P 8-bit resolution
LSB
—
20
—
mV
6
P 8-bit differential nonlinearity
DNL
–0.5
—
0.5
Counts
7
P 8-bit integral nonlinearity
INL
–1.0
±0.5
1.0
Counts
8
P 8-bit absolute error1
AE
–1.5
±1.0
1.5
Counts
Table A-16. 3.3-V ATD Conversion Performance
Conditions are shown in Table A-4 unless otherwise noted
VREF = VRH–VRL = 3.328 V. Resulting to one 8-bit count = 13mV and one 10-bit count = 3.25 mV
fATDCLK = 2.0 MHz
Num
C
Rating
Symbol
Min
Typ
Max
Unit
1
P 10-bit resolution
LSB
—
3.25
—
mV
2
P 10-bit differential nonlinearity
DNL
–1.5
—
1.5
Counts
3
P 10-bit integral nonlinearity
INL
–3.5
±1.5
3.5
Counts
4
P 10-bit absolute error1
1 These values include the quantization error which is inherently 1/2 count for any A/D converter.
AE
–5
±2.5
5
Counts
5
P 8-bit resolution
LSB
—
13
—
mV
6
P 8-bit differential nonlinearity
DNL
–0.5
—
0.5
Counts
7
P 8-bit integral nonlinearity
INL
–1.5
±1.0
1.5
Counts
8
P 8-bit absolute error1
AE
–2.0
±1.5
2.0
Counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com