Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 1295 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 1295 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 1291Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1292Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1293Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1294Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1295Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1296Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1297Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1298Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1299Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1295 / 1350 page
background image
Appendix C Recommended PCB Layout
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1295
Table C-1. Recommended Decoupling Capacitor Choice
Component
Purpose
Type
Value
C1
VDD1 filter capacitor
Ceramic
220 nF
C2
VDD2 filter capacitor
Ceramic X7R
220 nF
C3
VDDA filter capacitor
Ceramic X7R
>=100 nF
C4
VDDR filter capacitor
X7R/tantalum
>=100 nF
C5
VDDPLL filter capacitor
Ceramic X7R
220 nF
C6
VDDX filter capacitor
X7R/tantalum
>=100 nF
C7
OSC load capacitor
Comes from crystal manufacturer
C8
OSC load capacitor
C9
PLL loop filter capacitor
See PLL specification chapter
C10
PLL loop filter capacitor
C11
VDDX filter capacitor
X7R/tantalum
>=100 nF
C12
VDDX filter capacitor
X7R/tantalum
>=100 nF
R1
PLL loop filter resistor
See PLL specification chapter
Q1
Quartz
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com