Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 1346 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 1346 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 1342Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1343Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1344Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1345Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1346Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1347Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1348Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1349Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 1350Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1346 / 1350 page
background image
Appendix G Detailed Register Map
MC9S12XDP512 Data Sheet, Rev. 2.17
1346
Freescale Semiconductor
0x038D
XGIF
R
XGIF_57
XGIF_56
XGIF_55
XGIF_54
XGIF_53
XGIF_52
XGIF_51
XGIF_50
W
0x038E
XGIF
R
XGIF_4F
XGIF_4E
XGIF_4D
XGIF_4C
XGIF_4B
XGIF_4A
XGIF_49
XGIF_48
W
0x038F
XGIF
R
XGIF_47
XGIF_46
XGIF_45
XGIF_44
XGIF_43
XGIF_42
XGIF_41
XGIF_40
W
0x0390
XGIF
R
XGIF_3F
XGIF_3E
XGIF_3D
XGIF_3C
XGIF_3B
XGIF_3A
XGIF_39
XGIF_38
W
0x0391
XGIF
R
XGIF_37
XGIF_36
XGIF_35
XGIF_34
XGIF_33
XGIF_32
XGIF_31
XGIF_30
W
0x0392
XGIF
R
XGIF_2F
XGIF_2E
XGIF_2D
XGIF_2C
XGIF_2B
XGIF_2A
XGIF_29
XGIF_28
W
0x0393
XGIF
R
XGIF_27
XGIF_26
XGIF_25
XGIF_24
XGIF_23
XGIF_22
XGIF_21
XGIF_20
W
0x0394
XGIF
R
XGIF_1F
XGIF_1E
XGIF_1D
XGIF_1C
XGIF_1B
XGIF_1A
XGIF_19
XGIF_18
W
0x0395
XGIF
R
XGIF_17
XGIF_16
XGIF_15
XGIF_14
XGIF_13
XGIF_12
XGIF_11
XGIF_10
W
0x0396
XGIF
R
XGIF_0F
XGIF_0E
XGIF_0D
XGIF_0C
XGIF_0B
XGIF_0A
XGIF_09
0
W
0x0397
XGIF
R
0
0000000
W
0x0398
XGSWT (hi)
R
0
0000000
W
XGSWTM[7:0]
0x0399
XGSWT (lo)
R
XGSWT[7:0]
W
0x039A
XGSEM (hi)
R
0
0000000
W
XGSEMM[7:0]
0x039B
XGSEM (lo)
R
XGSEM[7:0]
W
0x039C
Reserved
R
0
0000000
W
0x039D
XGCCR
R0
0
0
0
XGN
XGZ
XGV
XGC
W
0x039E
XGPC (hi)
R
XGPC[15:8]
W
0x039F
XGPC (lo)
R
XGPC[7:0]
W
0x03A0
Reserved
R
0
0000000
W
0x03A1
Reserved
R
0
0000000
W
0x03A2
XGR1 (hi)
R
XGR1[15:8]
W
0x03A3
XGR1 (lo)
R
XGR1[7:0]
W
0x0380–0x03BF XGATE Map (Sheet 2 of 3)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com