Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 196 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 196 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 192Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 193Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 194Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 195Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 196Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 197Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 198Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 199Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 200Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
196
Freescale Semiconductor
6.3.1.6
XGATE Semaphore Register (XGSEM)
The XGATE provides a set of eight hardware semaphores that can be shared between the S12X_CPU and
the XGATE RISC core. Each semaphore can either be unlocked, locked by the S12X_CPU or locked by
the RISC core. The RISC core is able to lock and unlock a semaphore through its SSEM and CSEM
instructions. The S12X_CPU has access to the semaphores through the XGATE semaphore register
(Figure 6-8). Refer to section Section 6.4.4, “Semaphores” for details.
Read: Anytime
Write: Anytime (see Section 6.4.4, “Semaphores”)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
00000000
XGSEM[7:0]
W
XGSEMM[7:0]
Reset
0
0
0
0000000000000
Figure 6-8. XGATE Semaphore Register (XGSEM)
Table 6-6. XGSEM Field Descriptions
Field
Description
15–8
XGSEMM[7:0]
Semaphore Mask — These bits control the write access to the XGSEM bits.
Read:
These bits will always read "0".
Write:
0 Disable write access to the XGSEM in the same bus cycle
1 Enable write access to the XGSEM in the same bus cycle
7–0
XGSEM[7:0]
Semaphore Bits — These bits indicate whether a semaphore is locked by the S12X_CPU. A semaphore can
be attempted to be set by writing a "1" to the XGSEM bit and to the corresponding XGSEMM bit in the same
write access. Only unlocked semaphores can be set. A semaphore can be cleared by writing a "0" to the
XGSEM bit and a "1" to the corresponding XGSEMM bit in the same write access.
Read:
0 Semaphore is unlocked or locked by the RISC core
1 Semaphore is locked by the S12X_CPU
Write:
0 Clear semaphore if it was locked by the S12X_CPU
1 Attempt to lock semaphore by the S12X_CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com